Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLR253-S1 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # PLR253-S1
Description  Photo link Light Receiver Unit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR253-S1 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  PLR253-S1 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PLR253-S1 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
http://www.everlight.com
Rev 1
Page: 3 of 8
Device NO: DPL-253-001
Prepared Date:05-15-2006
Prepared By: Chin-Chia Hsu
PLR253 Series
Absolute Maximum Ratings( Ta = 25 ºC)
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
-0.5 ~ +6.0
V
Output Voltage
Vout
Vcc -0.1
V
Storage Temperature
Tstg
-40 to 85
ºC
Operating Temperature
Topr
-25 to 80
ºC
Soldering Temperature
Tsol
260*
ºC
* Soldering time
≤ 10 s.
Electro-Optical Characteristics(Ta=-20~70℃,Vcc=3.3V)
Parameter
Symbol
Conditions
MIN.
TYP. MAX. Unit
Power supply voltage
Vcc
-
2.40
3.30
5.50
V
Peak sensitivity wavelength
λp
-
-
660
-
nm
Maximum receiver power
Pc,max
Refer to Fig.1
-
-
-14
dBm
Minimum receiver power
Pc,min
Refer to Fig.1
-26
-
-
dBm
Dissipation current
Icc
Vcc=3V; Refer to Fig.2
-
2
4
mA
Icc
Vcc=5V; Refer to Fig.2
-
3
6
mA
High level output voltage
VOH
Refer to Fig.3
3.0
3.2
-
V
Low level output voltage
VOL
Refer to Fig.3
-
0.2
0.4
V
Rise time
tr
Refer to Fig.3
-
10
14
ns
Fall time
tf
Refer to Fig.3
-
10
14
ns
Propagation delay Low to High
tPLH
Refer to Fig.3
-
-
80
ns
Propagation delay High to Low
tPHL
Refer to Fig.3
-
-
80
ns
Pulse Width Distortion
∆tw
Refer to Fig.3
-15
-
+15
ns
Refer to Fig.3, Pc=-14dBm
-
1
5
ns
Jitter
∆tj
Refer to Fig.3, Pc=-26dBm
-
5
10
ns
Transfer rate
T
NRZ signal
0.1
-
25
Mb/s
*Standard plastic optic fiber cable:1m


Similar Part No. - PLR253-S1

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR2512H PROTEC-PLR2512H Datasheet
457Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PLR253-S1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PLR233 EVERLIGHT-PLR233 Datasheet
151Kb / 8P
   Photo link Light Receiver Unit
logo
List of Unclassifed Man...
PLR132 ETC-PLR132 Datasheet
130Kb / 7P
   Photo-link Light Receiver Unit
logo
Everlight Electronics C...
PLR155 EVERLIGHT-PLR155_05 Datasheet
155Kb / 8P
   Photo link Light Receiver Unit
PLR137 EVERLIGHT-PLR137 Datasheet
120Kb / 9P
   Photo link Light Receiver Unit
PLR135 EVERLIGHT-PLR135 Datasheet
147Kb / 8P
   Technical Data Sheet Photo link Light Receiver Unit
logo
List of Unclassifed Man...
PLR131 ETC-PLR131 Datasheet
113Kb / 5P
   Technical Data Sheet Photo link Light Receiver Unit
logo
Everlight Electronics C...
PLR155 EVERLIGHT-PLR155 Datasheet
116Kb / 7P
   Technical Data Sheet Photo link Light Receiver Unit
PLT132 EVERLIGHT-PLT132_05 Datasheet
181Kb / 5P
   Photo-link Light Transmitter Unit
PLT532 EVERLIGHT-PLT532 Datasheet
129Kb / 6P
   Photo-link Light Transmitter Unit
EAPLTBA4 EVERLIGHT-EAPLTBA4 Datasheet
356Kb / 5P
   Photo-link Light Transmitter Unit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com