Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITR20004 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ITR20004
Description  Opto Interrupter ITR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR20004 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ITR20004 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR20004 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR20004 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR20004 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR20004 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR20004 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR20004 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ITR20004 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ITR20004
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 2 of 8
Device No:DRX-004-106
Prepared date: 2007/8/8
Prepared by: Vic Liao
█Package Dimensions
Notes: 1.All dimensions are in millimeters
2.Tolerances unless dimensions ±0.25mm


Similar Part No. - ITR20004

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR20001 EVERLIGHT-ITR20001 Datasheet
1Mb / 9P
   Opto Interrupter
Nov.29.2016
ITR20001-T EVERLIGHT-ITR20001-T Datasheet
523Kb / 7P
   Opto Interrupter
ITR20001T EVERLIGHT-ITR20001T Datasheet
1Mb / 9P
   Opto Interrupter
Nov.29.2016
logo
List of Unclassifed Man...
ITR20002 ETC-ITR20002 Datasheet
502Kb / 9P
   infrared emitting diode and an NPN silicon phototransistor
logo
Everlight Electronics C...
ITR20002-A EVERLIGHT-ITR20002-A Datasheet
541Kb / 7P
   Opto Interrupter
More results

Similar Description - ITR20004

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR20508 EVERLIGHT-ITR20508 Datasheet
190Kb / 8P
   OPTO INTERRUPTER ITR
ITR20507 EVERLIGHT-ITR20507 Datasheet
184Kb / 7P
   OPTO INTERRUPTER ITR
ITR20506 EVERLIGHT-ITR20506 Datasheet
186Kb / 7P
   OPTO INTERRUPTER ITR
ITR20403 EVERLIGHT-ITR20403_06 Datasheet
250Kb / 8P
   OPTO INTERRUPTER ITR
ITR8307-L24 EVERLIGHT-ITR8307-L24 Datasheet
258Kb / 9P
   Opto Interrupter ITR
ITR8307-L24-TR8 EVERLIGHT-ITR8307-L24-TR8 Datasheet
324Kb / 10P
   Opto Interrupter ITR
ITR9904 EVERLIGHT-ITR9904 Datasheet
560Kb / 8P
   OPTO INTERRUPTER ITR
ITR9907 EVERLIGHT-ITR9907_05 Datasheet
328Kb / 9P
   OPTO INTERRUPTER ITR
ITR20505 EVERLIGHT-ITR20505 Datasheet
251Kb / 8P
   OPTO INTERRUPTER ITR
ITR20402 EVERLIGHT-ITR20402_06 Datasheet
320Kb / 9P
   OPTO INTERRUPTER ITR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com