Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM-H240T-TR2 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IRM-H240T-TR2
Description  Infrared Remote-control Receiver Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-H240T-TR2 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IRM-H240T-TR2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-H240T-TR2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-H240T-TR2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-H240T-TR2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-H240T-TR2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-H240T-TR2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-H240T-TR2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-H240T-TR2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-H240T-TR2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev
1
Page: 1 of 12
Device No:DMO-238-408
Prepared date:02-05-2007
Prepared by:Cindy Lin
Technical Data Sheet
Infrared Remote-control Receiver Module
IRM-H2xxT/TR2 SERIES
Features
‧High shielding against electric field disturbance.
‧Low voltage and low power consumption.
‧Very small sizes.
‧External dimensions 5.10(L)*4.60(W)*1.45(H)mm.
‧High immunity against ambient light.
‧Photodiode with integrated circuit.
‧TTL and CMOS compatibility.
‧High sensitivity.
‧Top-received SMD.
‧Suitable burst length ≧10 pulses/burst.
‧RoHS refer to IRM-Vxxx,Hxxx series SGS report
‧Pb free.
Descriptions
The device is a miniature SMD type infrared remote
control system receiver that has been developed and
designed by utilizing the most updated IC technology. The
PIN diode and preamplifier are assembled on PCB, the
epoxy package is designed as an IR filter. The demodulated
output signal can directly be decoded by a microprocessor.
Applications
1. Optical switch
2. Light detecting portion of remote control
․AV instruments such as Audio, TV, VCR, CD, MD, etc.
․Home appliances such as Air-conditioner, Fan , etc.
․The other equipments with wireless remote control.
․CATV set top boxes
․Multi-media Equipment
Device Selection Guide
PART
MATERIAL
COLOR
Chip
Silicon
---
Package
Epoxy
Black
Metal case
SPCC
Silver white


Similar Part No. - IRM-H240T-TR2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-H240-TR2 EVERLIGHT-IRM-H240-TR2 Datasheet
257Kb / 12P
   Infrared Remote-control Receiver Module
IRM-H240/TR2 EVERLIGHT-IRM-H240/TR2 Datasheet
257Kb / 12P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-H240T-TR2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com