Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4066D Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74HCT4066D
Description  Quad bilateral swiches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4066D Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74HCT4066D Datasheet HTML 10Page - NXP Semiconductors 74HCT4066D Datasheet HTML 11Page - NXP Semiconductors 74HCT4066D Datasheet HTML 12Page - NXP Semiconductors 74HCT4066D Datasheet HTML 13Page - NXP Semiconductors 74HCT4066D Datasheet HTML 14Page - NXP Semiconductors 74HCT4066D Datasheet HTML 15Page - NXP Semiconductors 74HCT4066D Datasheet HTML 16Page - NXP Semiconductors 74HCT4066D Datasheet HTML 17Page - NXP Semiconductors 74HCT4066D Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
2004 Nov 11
14
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
Type 74HCT4066
GND = 0 V; tr =tf = 6 ns; CL = 50 pF; Vis is the input voltage at pins nY or nZ, whichever is assigned as an input; Vos is
the output voltage at pins nY or nZ, whichever is assigned as an output.
Note
1. All typical values are measured at Tamb =25 °C.
74HC4066 and 74HCT4066
At recommended conditions and typical values; GND = 0 V; tr =tf = 6 ns; Vis is the input voltage at pins nY or nZ,
whichever is assigned as an input; Vos is the output voltage at pins nY or nZ, whichever is assigned as an output.
Notes
1. Adjust input voltage Vis is 0 dBM level (0 dBM = 1 mW into 600 Ω).
2. Adjust input voltage Vis is 0 dBM level at Vos for 1 MHz (0 dBM = 1 mW into 50 Ω).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. MAX. UNIT
OTHER
VCC (V)
Tamb = −40 °C to +85 °C; note 1
tPHL/tPLH
propagation delay
Vis to Vos
RL = ∞; see Fig.19
4.5
315
ns
tPZH/tPZL
turn-on time nE to Vos
RL =1kΩ; see Figs 20 and 21
4.5
12
30
ns
tPHZ/tPLZ
turn-off time nE to Vos
RL =1kΩ; see Figs 20 and 21
4.5
20
44
ns
Tamb = −40 °C to +125 °C
tPHL/tPLH
propagation delay
Vis to Vos
RL = ∞; see Fig.19
4.5
−−
18
ns
tPZH/tPZL
turn-on time nE to Vos
RL =1kΩ; see Figs 20 and 21
4.5
−−
36
ns
tPHZ/tPLZ
turn-off time nE to Vos
RL =1kΩ; see Figs 20 and 21
4.5
−−
53
ns
SYMBOL
PARAMETER
CONDITIONS
TYP.
UNIT
OTHER
Vis(p-p) (V)
VCC (V)
dsin
sine wave distortion
f = 1 kHz; RL =10kΩ; CL =50pF;
see Fig.17
4.0
4.5
0.04
%
8.0
9.0
0.02
%
f = 10 kHz; RL =10kΩ;CL =50pF;
see Fig.17
4.0
4.5
0.12
%
8.0
9.0
0.06
%
αOFF(feedthr) switch OFF signal
feed-through
RL = 600 Ω; CL = 50 pF; f = 1 MHz;
see Figs 11 and 18
note 1
4.5
−50
dB
9.0
−50
dB
αct(s)
crosstalk between any two
switches
RL = 600 Ω; CL = 50 pF; f = 1 MHz;
see Fig.13
note 1
4.5
−60
dB
9.0
−60
dB
Vct(p-p)
crosstalk voltage between
any input to any switch
(peak-to-peak value)
RL = 600 Ω; CL = 50 pF; f = 1 MHz;
see Fig.15 (nE, square wave
between VCC and GND,
tr =tf = 6 ns)
4.5
110
mV
9.0
220
mV
fmax
minimum frequency
response (
−3 dB)
RL =50 Ω;CL = 10 pF; see Figs 12
and 16
note 2
4.5
180
MHz
9.0
200
MHz
CS
maximum switch
capacitance
−−
8pF


Similar Part No. - 74HCT4066D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4066D PHILIPS-74HCT4066D Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HCT4066D NXP-74HCT4066D Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HCT4066D NXP-74HCT4066D Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
74HCT4066D NEXPERIA-74HCT4066D Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HCT4066D-Q100 NEXPERIA-74HCT4066D-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
More results

Similar Description - 74HCT4066D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4066_2005 PHILIPS-74LV4066_2005 Datasheet
138Kb / 23P
   Quad bilateral swiches
Rev. 03-4 July 2005
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com