Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4066D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HCT4066D
Description  Quad bilateral swiches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4066D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT4066D Datasheet HTML 7Page - NXP Semiconductors 74HCT4066D Datasheet HTML 8Page - NXP Semiconductors 74HCT4066D Datasheet HTML 9Page - NXP Semiconductors 74HCT4066D Datasheet HTML 10Page - NXP Semiconductors 74HCT4066D Datasheet HTML 11Page - NXP Semiconductors 74HCT4066D Datasheet HTML 12Page - NXP Semiconductors 74HCT4066D Datasheet HTML 13Page - NXP Semiconductors 74HCT4066D Datasheet HTML 14Page - NXP Semiconductors 74HCT4066D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
2004 Nov 11
11
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
Resistance RON for 74HC4066 and 74HCT4066
For 74HC4066: VCC = 2.0, 4.5, 6.0 and 9.0 V; for 74HCT4066: VCC = 4.5 V; note 1; Vis is the input voltage at pins nY
or nZ, whichever is assigned as an input; see Fig.9.
Notes
1. At supply voltages approaching 2 V, the analog ON-resistance switch becomes extremely non-linear. Therefore, it is
recommended that these devices are being used to transmit digital signals only, when using these supply voltages.
2. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX. UNIT
OTHER
IS (µA)
VCC (V)
Tamb = −40 °C to +85 °C; note 2
RON(peak)
ON-resistance
(peak)
VI =VIH or VIL; Vis =VCC to GND
100
2.0
−−Ω
1000
4.5
54
118
6.0
42
105
9.0
32
88
RON(rail)
ON-resistance
(rail)
VI =VIH or VIL; Vis = GND
100
2.0
80
−Ω
1000
4.5
35
95
6.0
27
82
9.0
20
70
VI =VIH or VIL; Vis =VCC
100
2.0
100
−Ω
1000
4.5
42
106
6.0
35
94
9.0
27
78
∆RON
maximum
variation of
ON-resistance
between any two
channels
VI =VIH or VIL; Vis =VCC to GND
2.0
−−Ω
4.5
5
−Ω
6.0
4
−Ω
9.0
3
−Ω
Tamb = −40 °C to +125 °C
RON(peak)
ON-resistance
(peak)
VI =VIH or VIL; Vis =VCC to GND
100
2.0
−−Ω
1000
4.5
−−
142
6.0
−−
126
9.0
−−
105
RON(rail)
ON-resistance
(rail)
VI =VIH or VIL; Vis = GND
100
2.0
−−Ω
1000
4.5
−−
115
6.0
−−
100
9.0
−−
85
VI =VIH or VIL; Vis =VCC
100
2.0
−−Ω
1000
4.5
−−
128
6.0
−−
113
9.0
−−
95


Similar Part No. - 74HCT4066D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4066D PHILIPS-74HCT4066D Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HCT4066D NXP-74HCT4066D Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HCT4066D NXP-74HCT4066D Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
74HCT4066D NEXPERIA-74HCT4066D Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HCT4066D-Q100 NEXPERIA-74HCT4066D-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
More results

Similar Description - 74HCT4066D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4066_2005 PHILIPS-74LV4066_2005 Datasheet
138Kb / 23P
   Quad bilateral swiches
Rev. 03-4 July 2005
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com