Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRM-H638T-TR2 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # IRM-H638T-TR2
Description  Infrared Remote-control Receiver Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-H638T-TR2 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button IRM-H638T-TR2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-H638T-TR2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-H638T-TR2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-H638T-TR2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-H638T-TR2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-H638T-TR2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-H638T-TR2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd IRM-H638T-TR2 Datasheet HTML 10Page - Everlight Electronics Co., Ltd IRM-H638T-TR2 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev
1
Page: 8 of
9
Device No:DMO-0000008
Prepared date:09 -26-2007
Prepared by:IBU_NPID2
IRM-H6XXT/TR2
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
Reflow Terms:
JEDEC Level 4 Specification
Drying; Temp.:125℃ 24hrs
Moisture 30℃ / 60% RH 96hrs
Reflow Temp.: 260℃±5℃
10sec, 3 times
Note:
1. Not sooner than 15 minutes and not longer than 4 hours after removal from the
temperature/humidity chamber.
2. The time between reflow shall be 5 minutes minimum and 60 minutes maximum.
Recommended method of storage
Dry box storage is recommended as soon as the aluminum bag has been opened prevent
moisture absorption. The following conditions should be observed, if dry boxes are not available:
Storage temperature 10℃ to 30℃
Storage humidity ≦60%RH max.
After more than 72 hours under these conditions moisture content will be too high for
Reflow soldering:
In case of moisture absorption, the devices will recover to former condition by drying
under the following condition:
192 hours at 40℃+5℃/-0℃ and 5%RH (dry air / nitrogen) or
96 hours at 60℃+5℃ and < 5%RH for all device containers or
24 hours at 125℃+5℃ not suitable for reel or tubes.
ESD Precaution
Proper storage and handing procedures should be followed to prevent ESD damage to
the devices especially when they are removed from the Anti-static bag. Electro-Static Sensitive
Devices warning labels are on the packing.


Similar Part No. - IRM-H638T-TR2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-H638T-TR2 EVERLIGHT-IRM-H638T-TR2 Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-H638T-TR2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com