Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4066N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HCT4066N
Description  Quad bilateral swiches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4066N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT4066N Datasheet HTML 2Page - NXP Semiconductors 74HCT4066N Datasheet HTML 3Page - NXP Semiconductors 74HCT4066N Datasheet HTML 4Page - NXP Semiconductors 74HCT4066N Datasheet HTML 5Page - NXP Semiconductors 74HCT4066N Datasheet HTML 6Page - NXP Semiconductors 74HCT4066N Datasheet HTML 7Page - NXP Semiconductors 74HCT4066N Datasheet HTML 8Page - NXP Semiconductors 74HCT4066N Datasheet HTML 9Page - NXP Semiconductors 74HCT4066N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
2004 Nov 11
6
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. To avoid drawing VCC current out of pin nZ, when switch current flows in pin nY, the voltage drop across the
bidirectional switch must not exceed 0.4 V. If the switch current flows into pin nZ, no VCC current will flow out of
pin nY. In this case there is no limit for the voltage drop across the switch, but the voltages at pins nY and nZ may
not exceed VCC or GND.
2. For DIP14 packages: above 70
°C derate linearly with 12 mW/K.
For SO14 packages: above 70
°C derate linearly with 8 mW/K.
For SSOP14 and TSSOP16 packages: above 60
°C derate linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
°C derate linearly with 4.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74HC4066
74HCT4066
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
supply voltage
2.0
5.0
10.0
4.5
5.0
5.5
V
VI
input voltage
GND
VCC
GND
VCC
V
VS
switch voltage
GND
VCC
GND
VCC
V
Tamb
ambient temperature
see DC and AC
characteristics
per device
−40
+25
+85
−40
+25
+85
°C
−40
+125
−40
+125
°C
tr,tf
input rise and fall times
VCC = 2.0 V
6.0
1000
6.0
500
ns
VCC = 4.5 V
−−
500
−−−
ns
VCC = 6.0 V
−−
400
−−−
ns
VCC = 10.0 V
−−
250
−−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+11.0
V
IIK
input diode current
VI < −0.5 V or VI >VCC + 0.5 V
−±20
mA
ISK
switch diode current
VS < −0.5 V or VS >VCC + 0.5 V
−±20
mA
IS
switch current
−0.5V<VO <VCC + 0.5 V; note 1
−±25
mA
ICC, IGND
VCC or GND current
−±50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 °C to +125 °C; note 2
500
mW
PS
power dissipation per switch
100
mW


Similar Part No. - 74HCT4066N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4066N PHILIPS-74HCT4066N Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HCT4066N NXP-74HCT4066N Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HCT4066N NXP-74HCT4066N Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
More results

Similar Description - 74HCT4066N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4066_2005 PHILIPS-74LV4066_2005 Datasheet
138Kb / 23P
   Quad bilateral swiches
Rev. 03-4 July 2005
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com