Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4066 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # 74HCT4066
Description  Quad bilateral swiches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4066 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button 74HCT4066 Datasheet HTML 19Page - NXP Semiconductors 74HCT4066 Datasheet HTML 20Page - NXP Semiconductors 74HCT4066 Datasheet HTML 21Page - NXP Semiconductors 74HCT4066 Datasheet HTML 22Page - NXP Semiconductors 74HCT4066 Datasheet HTML 23Page - NXP Semiconductors 74HCT4066 Datasheet HTML 24Page - NXP Semiconductors 74HCT4066 Datasheet HTML 25Page - NXP Semiconductors 74HCT4066 Datasheet HTML 26Page - NXP Semiconductors 74HCT4066 Datasheet HTML 27Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
2004 Nov 11
24
Philips Semiconductors
Product specification
Quad bilateral switches
74HC4066; 74HCT4066
UNIT
A1
A2
A3
bp
cD (1)
E (2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
5.1
4.9
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.72
0.38
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT402-1
MO-153
99-12-27
03-02-18
w M
b p
D
Z
e
0.25
17
14
8
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
A
max.
1.1
pin 1 index


Similar Part No. - 74HCT4066

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4066 PHILIPS-74HCT4066 Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
logo
Texas Instruments
74HCT4066 TI-74HCT4066 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
logo
NXP Semiconductors
74HCT4066 NXP-74HCT4066 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HCT4066 NXP-74HCT4066 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results

Similar Description - 74HCT4066

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4066_2005 PHILIPS-74LV4066_2005 Datasheet
138Kb / 23P
   Quad bilateral swiches
Rev. 03-4 July 2005
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
NXP Semiconductors
74LV4066 PHILIPS-74LV4066 Datasheet
84Kb / 10P
   Quad bilateral switches
1998 Jun 23
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
logo
NXP Semiconductors
74HC4316PW-T NXP-74HC4316PW-T Datasheet
117Kb / 15P
   Quad bilateral switches
September 1993
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com