Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2084 Datasheet(PDF) 70 Page - Siemens Semiconductor Group

Part # PEB2084
Description  Quadruple Transceiver for S/T Interface QUAT-S
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2084 Datasheet(HTML) 70 Page - Siemens Semiconductor Group

Back Button PEB2084 Datasheet HTML 64Page - Siemens Semiconductor Group PEB2084 Datasheet HTML 65Page - Siemens Semiconductor Group PEB2084 Datasheet HTML 66Page - Siemens Semiconductor Group PEB2084 Datasheet HTML 67Page - Siemens Semiconductor Group PEB2084 Datasheet HTML 68Page - Siemens Semiconductor Group PEB2084 Datasheet HTML 69Page - Siemens Semiconductor Group PEB2084 Datasheet HTML 70Page - Siemens Semiconductor Group PEB2084 Datasheet HTML 71Page - Siemens Semiconductor Group PEB2084 Datasheet HTML 72Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
PEB 2084
Semiconductor Group
70
Transmitter Performance
Cable 0.6 mm, 120 nF/km
Configuration
Condition
Distance TE-TE
Distance TE-NT/LT
Point-to-point
no noise
980 m
200 / 2000 kHz
100 mVpp
940 m
Ext. passive bus
no noise
120 m
720 m
(Roundtrip < 2
µs) 200 / 2000 kHz
100 mVpp
120 m
540 m
Cable 0.6 mm, 30 nF/km
Configuration
Condition
Distance TE-TE
Distance TE-NT/LT
Point-to-point
no noise
> 1500 m
200 / 2000 kHz
100 mVpp
> 1050 m
Ext. passive bus
no noise
> 250 m
> 1250 m
(Roundtrip < 2
µs) 200 / 2000 kHz
100 mVpp
> 250 m
> 800 m


Similar Part No. - PEB2084

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB2084 INFINEON-PEB2084 Datasheet
1Mb / 269P
   ICs for Communications Extended PCM Interface Controller
02.97
logo
Pulse A Technitrol Comp...
PEB2084 PULSE-PEB2084 Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
More results

Similar Description - PEB2084

ManufacturerPart #DatasheetDescription
logo
Winbond
W6691 WINBOND-W6691 Datasheet
465Kb / 106P
   ISDN S/T Interface Transceiver
logo
Motorola, Inc
MC145574 MOTOROLA-MC145574 Datasheet
1Mb / 164P
   ISDN S/T-Interface Transceiver
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
NXP Semiconductors
MC145574EVK NXP-MC145574EVK Datasheet
234Kb / 2P
   ISDN S/T-interface Transceiver Evaluation Kit
REV 0
logo
Asahi Kasei Microsystem...
AK520S AKM-AK520S Datasheet
1Mb / 8P
   ISDN SINGLE CHIP NT1/(U&S/T-INTERFACE) TRANSCEIVER
logo
PCA ELECTRONICS INC.
EPR1260 PCA-EPR1260 Datasheet
45Kb / 1P
   ISDN S/T-Interface Module
logo
Macronix International
MX97103 MCNIX-MX97103 Datasheet
82Kb / 13P
   ISDN S/T-PCI TRANSCEIVER
logo
National Semiconductor ...
TP3420A NSC-TP3420A Datasheet
524Kb / 32P
   ISDN S/T Interface Device
logo
Infineon Technologies A...
PEB3081 INFINEON-PEB3081 Datasheet
2Mb / 190P
   S/T Bus Interface Circuit Extended
DS 1, Feb. 2003
logo
Siemens Semiconductor G...
PEB2080 SIEMENS-PEB2080 Datasheet
1Mb / 73P
   S/T Bus Interface Circuit (SBC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com