Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBM120L-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBM120L-G
Description  Low VF SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBM120L-G Datasheet(HTML) 4 Page - Comchip Technology

  CDBM120L-G Datasheet HTML 1Page - Comchip Technology CDBM120L-G Datasheet HTML 2Page - Comchip Technology CDBM120L-G Datasheet HTML 3Page - Comchip Technology CDBM120L-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-BL002
Comchip Technology CO., LTD.
Page 4
Low VF SMD Schottky Barrier Rectifiers
XX
Part Number
CDBM120L-G
Marking Code
L2
Marking Code
CDBM140L-G
L4
xx = Product type marking code
Suggested PAD Layout
A
B
C
E
D
SIZE
(inch)
0.130
(mm)
3.30
1.40
1.90
0.055
0.075
4.70
0.185
E
1.90
0.075
B
C
D
A
Mini-SMA/SOD-123
Standard Packaging
Case Type
Mini-SMA/SOD-123
2,500
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
REV:D


Similar Part No. - CDBM120L-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM120L-G COMCHIP-CDBM120L-G Datasheet
598Kb / 2P
   Low VF SMD Schottky Barrier Rectifier
More results

Similar Description - CDBM120L-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF_15 Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-G COMCHIP-CDBA120L-G Datasheet
49Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM220L-HF COMCHIP-CDBM220L-HF Datasheet
94Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBMT220L-G COMCHIP-CDBMT220L-G Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM120L-HF COMCHIP-CDBM120L-HF Datasheet
68Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM220L-G COMCHIP-CDBM220L-G Datasheet
45Kb / 2P
   Low VF SMD Schottky Barrier Rectifiers
CDBMT220L-HF COMCHIP-CDBMT220L-HF Datasheet
94Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com