Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSH-F81G1-0GPNM-CG1G2 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # ELSH-F81G1-0GPNM-CG1G2
Description  Small package with high efficiency
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-F81G1-0GPNM-CG1G2 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button ELSH-F81G1-0GPNM-CG1G2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-F81G1-0GPNM-CG1G2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-F81G1-0GPNM-CG1G2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-F81G1-0GPNM-CG1G2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-F81G1-0GPNM-CG1G2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSH-F81G1-0GPNM-CG1G2 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSH-F81G1-0GPNM-CG1G2 Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELSH-F81G1-0GPNM-CG1G2 Datasheet HTML 12Page - Everlight Electronics Co., Ltd ELSH-F81G1-0GPNM-CG1G2 Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
DATASHEET
SMD HP Shuen
1W Series
9
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0000751
www.everlight.com
PN of the Shuen series: Color LEDs
The table below is a list of part numbers for the Everlight Shuen series Color LED. Standard Everlight color
bins are listed according to wavelength and represent the standard primary colors of the spectrum. Typical
view angle is 120°
. These clearly listed binning options allow for proper design and implementation into
lighting applications.
For Example: If you order product using P/N
ELSH-F41R1-0LPNM-AR5R6, you will get
Color, Shuen series LEDs at 350mA are listed below.
Color
Order Code of ELSH
Minimum
Luminous
Flux (lm)
Dominant
Wavelength
(nm)
Forward
Voltage(V)
ELSH-F41R1-0LPNM-AR5R6
45
620~630
1.75~2.95
*ELSH-F51R1-0LPNM-AR5R6
52
620~630
1.75~2.95
*ELSH-F61R1-0PPNM-AR5R6
60
620~630
1.75~2.95
ELSH-F41O1-0LPNM-AR3R4
45
610~620
1.75~2.95
ELSH-F51O1-0LPNM-AR3R4
52
610~620
1.75~2.95
ELSH-F61O1-0PPNM-AR3R4
60
610~620
1.75~2.95
ELSH-F31Y1-0LPNM-AA3A5
39
585~592.5
1.75~2.95
ELSH-F41Y1-0LPNM-AA3A5
45
585~592.5
1.75~2.95
ELSH-F31Y1-0LPNM-AA4A6
39
587.5~595
1.75~2.95
ELSH-F41Y1-0LPNM-AA4A6
45
587.5~595
1.75~2.95
ELSH-F71G1-0LPNM-CG1G2
70
520~530
2.95~3.85
ELSH-F71G1-0LPNM-CG2G3
70
525~535
2.95~3.85
*ELSH-F81G1-0GPNM-CG1G2
80
520~530
2.95~3.85
*ELSH-F81G1-0GPNM-CG2G3
80
525~535
2.95~3.85
*ELSH-E71B1-0LPNM-CB7B8
17
460~470
2.95~3.85
*ELSH-E81B1-0LPNM-CB7B8
20
460~470
2.95~3.85
*Product lead time of at least 8 weeks.
Notes:
1.
Mechanical dimension and pad configuration of ELSH-F61R1-0PPNM-AR5R6 and
ELSH-F61O1-0PPNM-AR3R4, please refer to Page.22-23. Marked in red above.
2.
Each 1W direct color PN is based on the min. bin and includes four adjacent bins.
Color
Variant
Radiation
Pattern
Dominant
Wavelength
(nm)
Forward
Voltage
(V)
Minimum
Luminous Flux
(lm)
Red
Lambertian
620~625(R5)
625~630(R6)
1.75~2.05(U1)
2.05~2.35(U2)
2.35~2.65(U3)
2.65~2.95(U4)
52
Red
Orange
Amber
Green
Blue


Similar Part No. - ELSH-F81G1-0GPNM-CG1G2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81G1-0GPNM-CG1G2 EVERLIGHT-ELSH-F81G1-0GPNM-CG1G2 Datasheet
2Mb / 45P
   Shuen
ELSH-F81G1-0GPNM-CG1G2 EVERLIGHT-ELSH-F81G1-0GPNM-CG1G2 Datasheet
1Mb / 46P
   LM-80 Certified
More results

Similar Description - ELSH-F81G1-0GPNM-CG1G2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com