Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEF2023 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # PEF2023
Description  ISDN DC Converter Circuit IDCC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEF2023 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  PEF2023 Datasheet HTML 1Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 2Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 3Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 4Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 5Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 6Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 7Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 8Page - Siemens Semiconductor Group PEF2023 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
P-DSO-14
Semiconductor Group
5
08.97
ISDN DC Converter Circuit
IDCC
PEB 2023
PEF 2023
Data Sheet
SPT 75 R
Type
Ordering Code
Package
PEB 2023
Q67100-H6830
P-DSO-14
PEF 2023
Q67220-H1059
P-DSO-14
1.1
Features
• Switched Mode DC/DC Converter
• ITU ISDN Compatible
• Low Power Dissipation
• Supply Voltage Range 0:
8V to 16V
Supply Voltage Range 1: 12V to 80V
Supply Voltage Range 2: 22V to 90V
(pin striping selects between range 1 and range 2)
Supply Voltage Range 3, with shifting by an external zener diode: U
ZD+8V to UZD+90V
(minimum zener voltage U
ZD = 14V)
• Programmable Overcurrent Protection
• Soft Start
• Power Housekeeping Input
• Input Undervoltage Detection
• High Input Impedance (<10
µA) During Undervoltage Condition
• Oscillator Synchronization Input/Output
• High Voltage Smart Power Technology 75V
• P-DSO-14/1 Package


Similar Part No. - PEF2023

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF20256E INFINEON-PEF20256E Datasheet
2Mb / 216P
   Multichannel Network Interface Controller for HDLC/PPP
DS2, April 2001
More results

Similar Description - PEF2023

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T70-D540 STMICROELECTRONICS-GS1T70-D540 Datasheet
72Kb / 5P
   ISDN DC-DC CONVERTER
20 January 1997
logo
EPCOS
B78310P1623A005 EPCOS-B78310P1623A005 Datasheet
60Kb / 2P
   ISDN Transformers DC/DC Converter
logo
Filtran LTD
TEP5606 FILTRAN-TEP5606 Datasheet
24Kb / 1P
   ISDN DC/DC Converter Transformer
TEP5844 FILTRAN-TEP5844 Datasheet
25Kb / 1P
   ISDN DC/DC Converter Transformer
logo
STMicroelectronics
GS5AC-40 STMICROELECTRONICS-GS5AC-40 Datasheet
65Kb / 4P
   ISDN AC-DC CONVERTER
GS1T70-D540F STMICROELECTRONICS-GS1T70-D540F Datasheet
64Kb / 4P
   ISDN DC-DC CONVERTER FRENCH VERSION
June 1994
logo
Seme LAB
IP35063 SEME-LAB-IP35063 Datasheet
57Kb / 5P
   DC-DC CONVERTER CONTROL CIRCUIT
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A Datasheet
126Kb / 9P
   DC/DC CONVERTER CONTROL CIRCUIT
logo
ADDtek Corp
AMC7660 ADDTEK-AMC7660 Datasheet
276Kb / 11P
   DC - DC CONVERTER CONTROL CIRCUIT
JUNE 2006
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com