Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2047 Datasheet(PDF) 23 Page - Siemens Semiconductor Group

Part # PEB2047
Description  Memory Time Switch Large MTSL
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2047 Datasheet(HTML) 23 Page - Siemens Semiconductor Group

Back Button PEB2047 Datasheet HTML 19Page - Siemens Semiconductor Group PEB2047 Datasheet HTML 20Page - Siemens Semiconductor Group PEB2047 Datasheet HTML 21Page - Siemens Semiconductor Group PEB2047 Datasheet HTML 22Page - Siemens Semiconductor Group PEB2047 Datasheet HTML 23Page - Siemens Semiconductor Group PEB2047 Datasheet HTML 24Page - Siemens Semiconductor Group PEB2047 Datasheet HTML 25Page - Siemens Semiconductor Group PEB2047 Datasheet HTML 26Page - Siemens Semiconductor Group PEB2047 Datasheet HTML 27Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Semiconductor Group
23
PEB 2047
PEB 2047-16
4.2
Command Register (CMDR)
Access in the multiplexed
µP-interface mode:
Write, address 2H
Access in a demultiplexed
µP-interface mode:
Write, address 1H
Address:
01H
FSAD (2:0)
Frame Synchronization signal Address 2 to 0; Address of the chosen FS
signal 0 to 7 to be evaluated by the procedure started by SFE.
SFE
Start Frame Evaluation; a one in this bit position starts the frame evaluation
procedure. A read operation on register FER will stop an unfinished frame
evaluation procedure.
RI
Reset Incomplete instruction; if a three byte indirect register access is not
completed the internal logic must be initialized again before a new three byte
access is possible.
STP0 … STP1
Start Procedure 1 and 0.
The following procedures can be activated by these bits:
Note: Before activating one of these procedures MOD:PSB has to be set to 0. During selftest or CM
reset the device will ignore the external synchronization pulse and the user has no access to
the internal data memory.
Bit 7
Bit 0
0
FSAD2
FSAD1
FSAD0
SFE
RI
STP1
STP0
Table 4
STP Commands
STP1
STP0
Function
X
0
1
0
1
1
No operation
Start control memory reset procedure
Start selftest procedure


Similar Part No. - PEB2047

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2045 SIEMENS-PEB2045 Datasheet
485Kb / 53P
   Memory Time Switch CMOS (MTSC)
PEB2045-N SIEMENS-PEB2045-N Datasheet
485Kb / 53P
   Memory Time Switch CMOS (MTSC)
PEB2045-P SIEMENS-PEB2045-P Datasheet
485Kb / 53P
   Memory Time Switch CMOS (MTSC)
More results

Similar Description - PEB2047

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB2447 SIEMENS-PEB2447 Datasheet
1Mb / 51P
   Memory Time Switch Extended Large MTSXL
PEB2045 SIEMENS-PEB2045 Datasheet
485Kb / 53P
   Memory Time Switch CMOS (MTSC)
logo
Dallas Semiconductor
DS1994 DALLAS-DS1994 Datasheet
254Kb / 22P
   4kb Plus Time Memory iButton
logo
Zarlink Semiconductor I...
MT90820 ZARLINK-MT90820 Datasheet
573Kb / 37P
   Large Digital Switch
logo
Dallas Semiconductor
DS2404S-C01 DALLAS-DS2404S-C01 Datasheet
52Kb / 2P
   Dual Port Memory Plus Time
logo
Omron Electronics LLC
H5S OMRON-H5S Datasheet
4Mb / 27P
   Digital Time Switch
logo
Extech Instruments Corp...
375475 EXTECH-375475 Datasheet
128Kb / 1P
   Programmable Time Switch
logo
Allegro MicroSystems
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
logo
ATMEL Corporation
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
   One-time Programmable, Read-only Memory
logo
Mitel Networks Corporat...
MT90823 MITEL-MT90823 Datasheet
150Kb / 34P
   3V Large Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com