Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSH-J11G3-0LPNM-DG1G3 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELSH-J11G3-0LPNM-DG1G3
Description  Small package with high efficiency
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-J11G3-0LPNM-DG1G3 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELSH-J11G3-0LPNM-DG1G3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSH-J11G3-0LPNM-DG1G3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSH-J11G3-0LPNM-DG1G3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSH-J11G3-0LPNM-DG1G3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSH-J11G3-0LPNM-DG1G3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-J11G3-0LPNM-DG1G3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-J11G3-0LPNM-DG1G3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-J11G3-0LPNM-DG1G3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-J11G3-0LPNM-DG1G3 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0001163
www.everlight.com
Introduction
The Shuen series is a surface-mount high-power
device featuring high brightness combined with a compact
size that is suitable for all kinds of lighting applications such as
general illumination, flash, spot, signal, industrial and commercial
lighting. The thermal pad of this device is electrically isolated providing convenience in
thermal and electrical design. The Shuen series is one of the most promising devices
in Everlight’s high power product offering and is ready to face the challenges of today’s
Solid-State Lighting requirements.
Features
Applications
Small package with high efficiency
ESD protection up to 8KV
Soldering method: SMT
Binning Parameters: Brightness,
Forward Voltage ,Wavelength and
Chromaticity
Moisture Sensitivity Level: 1
RoHS compliant
Matches ANSI binning
Reliability testing conforms to IESNA
LM80 Lumen maintenance test method
General Lighting
Decorative and Entertainment
Lighting
Signal and Symbol Luminaries for
orientation marker lights (e.g. steps,
exit ways, etc.)
Exterior and Interior Automotive
Illumination
Shuen
3W Series
“Shuen [Xuan] is the English translation for the Chinese word meaning Bright and
Shiny. Both words are relevant descriptions of this Everlight LED series. The modern,
adaptive Chinese definition of the word represents that which is New, Extravagant, and
Highly Sought After.”


Similar Part No. - ELSH-J11G3-0LPNM-DG1G3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-J11G3-0LPNM-DG1G3 EVERLIGHT-ELSH-J11G3-0LPNM-DG1G3 Datasheet
1Mb / 36P
   Shuen
More results

Similar Description - ELSH-J11G3-0LPNM-DG1G3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com