Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSH-F81Y3-0LPNM-BA3A5 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ELSH-F81Y3-0LPNM-BA3A5
Description  Small package with high efficiency
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-F81Y3-0LPNM-BA3A5 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button ELSH-F81Y3-0LPNM-BA3A5 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSH-F81Y3-0LPNM-BA3A5 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSH-F81Y3-0LPNM-BA3A5 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-F81Y3-0LPNM-BA3A5 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-F81Y3-0LPNM-BA3A5 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-F81Y3-0LPNM-BA3A5 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-F81Y3-0LPNM-BA3A5 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSH-F81Y3-0LPNM-BA3A5 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSH-F81Y3-0LPNM-BA3A5 Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
DATASHEET
SMD HP Shuen
3W Series
7
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0001163
www.everlight.com
PN of the Shuen High Luminous Series: White LEDs
The table below is a list of part numbers for the Everlight Shuen 3W high luminous series White LED.
All parts listed match ANSI binning standards. Bin offerings of 2700K to 6500K are listed and currently
available. CRI is also listed with min 70 to 80. Typical view angle is 100°
. These clearly listed binning
options allow for proper design and implementation into lighting applications. The Order Codes below are
currently available White Shuen LEDs.
For Example: If you order product using P/N
ELSH-J71C3-0CPGS-D5700, you will get
White ,Shuen series LEDs at 700mA are listed below.
Color
Variant
Radiation
Pattern
CRI
CCT
Forward
Voltage
(V)
Minimum
Luminous
Flux (lm)
Cool
White
Lambertian
75
57K-1 ~ 57K-2
~
57K-3 ~ 57K-4
2.95~3.25(V1)
3.25~3.55(V2)
3.55~3.85(V3)
160
Color
Order Code of ELSH
Minimum
Luminous
Flux (lm)
CCT (K)
Wavelength (nm)
Forward
Voltage
(V)
CRI
(min)
ELSH-J71C3-0CPGS-D6500
160
65K-1~65K-4
2.95~3.85
70
ELSH-J81C3-0CPGS-D6500
180
65K-1~65K-4
2.95~3.85
70
ELSH-J71C3-0CPHS-D6500
160
65K-1~65K-4
2.95~3.85
80
ELSH-J71C3-0CPGS-D5700
160
57K-1~57K-4
2.95~3.85
70
ELSH-J81C3-0CPGS-D5700
180
57K-1~57K-4
2.95~3.85
70
ELSH-J71C3-0CPHS-D5700
160
57K-1~57K-4
2.95~3.85
80
ELSH-J61C3-0CPGS-D5000
150
50K-1~50K-4
2.95~3.85
70
ELSH-J71C3-0CPGS-D5000
160
50K-1~50K-4
2.95~3.85
70
ELSH-J61C3-0CPHS-D5000
150
50K-1~50K-4
2.95~3.85
80
ELSH-J51N3-0CPGS-D4500
140
45K-1~45K-4
2.95~3.85
75
ELSH-J61N3-0CPGS-D4500
150
45K-1~45K-4
2.95~3.85
75
ELSH-J51N3-0CPHS-D4500
140
45K-1~45K-4
2.95~3.85
80
ELSH-J41N3-0CPGS-D4000
130
40K-1~40K-4
2.95~3.85
75
ELSH-J61N3-0CPGS-D4000
150
40K-1~40K-4
2.95~3.85
75
ELSH-J51N3-0CPHS-D4000
140
40K-1~40K-4
2.95~3.85
80
ELSH-J31M3-0CPGS-D3500
120
35K-1~35K-4
2.95~3.85
75
ELSH-J51M3-0CPGS-D3500
140
35K-1~35K-4
2.95~3.85
75
ELSH-J41M3-0CPHS-D3500
130
35K-1~35K-4
2.95~3.85
80
Cool
White
6500
Cool
White
5700
Cool
White
5000
Neutral
White
4500
Neutral
White
4000
Warm
White
3500


Similar Part No. - ELSH-F81Y3-0LPNM-BA3A5

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81Y3-0LPNM-BA3A5 EVERLIGHT-ELSH-F81Y3-0LPNM-BA3A5 Datasheet
1Mb / 36P
   Shuen
More results

Similar Description - ELSH-F81Y3-0LPNM-BA3A5

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com