Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSH-F81R3-0LPNM-BR4R6 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # ELSH-F81R3-0LPNM-BR4R6
Description  Small package with high efficiency
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-F81R3-0LPNM-BR4R6 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  ELSH-F81R3-0LPNM-BR4R6 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSH-F81R3-0LPNM-BR4R6 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSH-F81R3-0LPNM-BR4R6 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSH-F81R3-0LPNM-BR4R6 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSH-F81R3-0LPNM-BR4R6 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-F81R3-0LPNM-BR4R6 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-F81R3-0LPNM-BR4R6 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-F81R3-0LPNM-BR4R6 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-F81R3-0LPNM-BR4R6 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
DATASHEET
SMD HP Shuen
3W Series
4
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0001163
www.everlight.com
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Max. DC Forward Current (mA)
IF
750[1]
mA
Max. Peak Pulse Current (mA)
IPulse
1000[2]
mA
Max. ESD Resistance
VB
8000
V
Reverse Voltage
VR
Note 3
V
Thermal Resistance
Rth
6~8[4]
°C/W
Max. Junction Temperature
TJ
125[5]
°C
Operating Temperature
TOpr
-40 ~ +100[6]
°C
Storage Temperature
TStg
-40 ~ +100
°C
Max. Soldering Temperature
TSol
260
°C
Allowable Reflow Cycles
n/a
2
cycles
Notes:
1.
Maximum forward current for 3W is 750mA (Thermal Pad=25°C).
2.
Duty cycle = 1/10@1KHZ
3.
The Shuen series LEDs are not designed for reverse bias use.
4.
Thermal Resistance is 6°C/W for Blue, Green, Cool-White, Neutral-White,and Warm-White LEDs and 8°C/W for
Red, and Amber LEDs.
5.
Maximum junction temperature of Cool-White, Neutral-White, Warm-White, Blue, Green, Red, and Amber LEDs
is 125°C.
6.
Maximum Operating Temperature (Thermal Pad) of Cool-White, Neutral-White, Warm-White, Blue, Green, Red,
and Amber LEDs is 100°C.
JEDEC Moisture Sensitivity
Level
Floor Life
Soak Requirements
Standard
Time
(hours)
Conditions
Time
(hours)
Conditions
1
unlimited
≦30°C / 85% RH
168 (+5/-0)
85°C / 85% RH


Similar Part No. - ELSH-F81R3-0LPNM-BR4R6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81R3-0LPNM-BR4R6 EVERLIGHT-ELSH-F81R3-0LPNM-BR4R6 Datasheet
1Mb / 36P
   Shuen
More results

Similar Description - ELSH-F81R3-0LPNM-BR4R6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F81CX EVERLIGHT-ELSH-F81CX Datasheet
1Mb / 40P
   Small package with high efficiency
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com