Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSH-F91C1-0CPGS-C5000 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # ELSH-F91C1-0CPGS-C5000
Description  Small package with high efficiency
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-F91C1-0CPGS-C5000 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button ELSH-F91C1-0CPGS-C5000 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSH-F91C1-0CPGS-C5000 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-F91C1-0CPGS-C5000 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-F91C1-0CPGS-C5000 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-F91C1-0CPGS-C5000 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-F91C1-0CPGS-C5000 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELSH-F91C1-0CPGS-C5000 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELSH-F91C1-0CPGS-C5000 Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELSH-F91C1-0CPGS-C5000 Datasheet HTML 12Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
DATASHEET
SMD HP Shuen
1W Series
8
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0000751
www.everlight.com
Notes:
1.
CRI measurement tolerance: ±2.
2.
Each 1W white PN is based on the min. bin, and includes two adjacent bins.
Color
Order Code of ELSH
Minimum
Luminous
Flux (lm)
CCT (K)
Wavelength
(nm)
Forward
Voltage
(V)
CRI
(min)
ELSH-F81M1-0CPGS-C3500
80
35K-1~35K-4
2.65~3.55
75
ELSH-F91M1-0VPGS-C3500
90
35K-1~35K-4
2.65~3.55
75
ELSH-F71M1-0CPHS-C3500
70
35K-1~35K-4
2.65~3.55
80
ELSH-F81M1-0CPGS-C3000
80
30K-1~30K-4
2.65~3.55
75
ELSH-F91M1-0VPGS-C3000
90
30K-1~30K-4
2.65~3.55
75
ELSH-F71M1-0CPHS-C3000
70
30K-1~30K-4
2.65~3.55
80
ELSH-F81M1-0VPHS-C3000
80
30K-1~30K-4
2.65~3.55
80
ELSH-F91M1-0VPHS-C3000
90
30K-1~30K-4
2.65~3.55
80
ELSH-F71M1-0CPGS-C2700
70
27K-1~27K-4
2.65~3.55
75
ELSH-F81M1-0CPGS-C2700
80
27K-1~27K-4
2.65~3.55
75
ELSH-F91M1-0VPGS-C2700
90
27K-1~27K-4
2.65~3.55
75
ELSH-F61M1-0CPHS-C2700
60
27K-1~27K-4
2.65~3.55
80
ELSH-F71M1-0CPHS-C2700
70
27K-1~27K-4
2.65~3.55
80
ELSH-F81M1-0VPHS-C2700
80
27K-1~27K-4
2.65~3.55
80
Warm
White
3500
Warm
White
3000
Warm
White
2700


Similar Part No. - ELSH-F91C1-0CPGS-C5000

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F91C1-0CPGS-C5000 EVERLIGHT-ELSH-F91C1-0CPGS-C5000 Datasheet
2Mb / 45P
   Shuen
ELSH-F91C1-0CPGS-C5000 EVERLIGHT-ELSH-F91C1-0CPGS-C5000 Datasheet
1Mb / 46P
   LM-80 Certified
More results

Similar Description - ELSH-F91C1-0CPGS-C5000

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com