Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELSH-F71M1-0LPGS-C3000 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # ELSH-F71M1-0LPGS-C3000
Description  Small package with high efficiency
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSH-F71M1-0LPGS-C3000 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  ELSH-F71M1-0LPGS-C3000 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSH-F71M1-0LPGS-C3000 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSH-F71M1-0LPGS-C3000 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSH-F71M1-0LPGS-C3000 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSH-F71M1-0LPGS-C3000 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSH-F71M1-0LPGS-C3000 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSH-F71M1-0LPGS-C3000 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSH-F71M1-0LPGS-C3000 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELSH-F71M1-0LPGS-C3000 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
DATASHEET
SMD HP Shuen
1W Series
5
Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.07.2011. Issue No: DHE-0000751
www.everlight.com
Luminous Flux Characteristics for the Shuen series
Color
Part Number
1W
Minimum Luminous Flux(lm)
or
Radiometric Power(mW)[1]
Drive Current
(mA)
ELSH – F81CX
80
350
ELSH – F91CX
90
350
ELSH – J11CX
100
350
ELSH – J21CX
110
350
ELSH – J31CX
120
350
ELSH – F81NX
80
350
ELSH – F91NX
90
350
ELSH –J11NX
100
350
ELSH – F61MX
60
350
ELSH – F71MX
70
350
ELSH – F81MX
80
350
ELSH – F91MX
90
350
ELSH – F41RX
45
350
ELSH – F51RX
52
350
ELSH – F61RX
60
350
ELSH – F41OX
45
350
ELSH – F51OX
52
350
ELSH – F61OX
60
350
ELSH – F31YX
39
350
ELSH – F41YX
45
350
ELSH – F71GX
70
350
ELSH – F81GX
80
350
ELSH – E61BX
13
350
ELSH – E71BX
17
350
ELSH – E81BX
20
350
ELSH – Q91LX
275
350
ELSH – Q91EX
275
350
ELSH – Q61LX
125
350
Notes:
1.
Luminous flux measurement tolerance: ±10%.
2.
The data of luminous flux measured at thermal pad=25°C
3.
Typical luminous flux or light output performance is operated within the conditions guided by this datasheet.
4.
The range of Luminous Flux in Royal-Blue, Deep-Red and Far-Red is described as Radiometric Power.
Red
Orange
Amber
Neutral
White
Green
Cool
White
Warm
White
Deep Red
Far Red
Royal Blue
Blue


Similar Part No. - ELSH-F71M1-0LPGS-C3000

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSH-F71M1-0LPGS-C3000 EVERLIGHT-ELSH-F71M1-0LPGS-C3000 Datasheet
1Mb / 46P
   LM-80 Certified
More results

Similar Description - ELSH-F71M1-0LPGS-C3000

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
ELSH-J51CX EVERLIGHT-ELSH-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
ELSWD-J21CX EVERLIGHT-ELSWD-J21CX Datasheet
883Kb / 26P
   Small package with high efficiency
ELSW-F81CX EVERLIGHT-ELSW-F81CX Datasheet
1Mb / 39P
   Small package with high efficiency
EZHV-K21M4 EVERLIGHT-EZHV-K21M4 Datasheet
999Kb / 27P
   Small package with high efficiency
ELSW-J51CX EVERLIGHT-ELSW-J51CX Datasheet
1Mb / 36P
   Small package with high efficiency
EAIST3045A0 EVERLIGHT-EAIST3045A0 Datasheet
399Kb / 9P
   Small package with high efficiency
ELCH06-BJ4J6Z10-N0 EVERLIGHT-ELCH06-BJ4J6Z10-N0 Datasheet
393Kb / 12P
   Small & compact package and with high efficiency
EAFL2016W33A0 EVERLIGHT-EAFL2016W33A0 Datasheet
572Kb / 12P
   Small & compact package and with high efficiency
EHP-69-GT01C-P01-TR EVERLIGHT-EHP-69-GT01C-P01-TR Datasheet
438Kb / 12P
   Small & compact package and with high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com