Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP8.5-G Datasheet(PDF) 5 Page - Comchip Technology

Part # 5KP8.5-G
Description  5000W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

5KP8.5-G Datasheet(HTML) 5 Page - Comchip Technology

  5KP8.5-G Datasheet HTML 1Page - Comchip Technology 5KP8.5-G Datasheet HTML 2Page - Comchip Technology 5KP8.5-G Datasheet HTML 3Page - Comchip Technology 5KP8.5-G Datasheet HTML 4Page - Comchip Technology 5KP8.5-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5
QW-BTV08
REV:B
RATING AND CHARACTERISTIC (5KP-G Series)
Fig.1 Pulse Derating Curve
O
Ambient Temperature,TA ( C)
200
Number of Cycle at 60 HZ
1
10
100
300
400
500
Fig.4 Peak Pulse Power Rating Curve
0.1
Pulse Width,td (μs)
1
10
100
Fig.3 Steady State Power Derating
Curve
0
O
Lead Temperature,
(
TL
C)
4
6
8
Fig.5 Pulse Waveforem
Time (mS)
10 X 1000 Waveform as
defined by R.E.A.
50
125
200
175
150
100
75
25
0
25
0
50
75
100
O
TA = 25 C
Non-repetive pulse waveform
shown in Figure 5
0.1us
10us
1us
10ms
100us
1.0ms
0
50
125
200
175
150
100
75
25
60Hz resistive or inductive load
2
0
0
1.0
4.0
50
100
3.0
2.0
Peak value
TR=10us
Half value=
IRSM
2
o
TJ = 25 C
TD
Pluse width(TD) as the
point where the peak
current decays to 50%
of IPP
10 / 1000
waveform
μsec.
as defined by R.E.A.
(Ipp)
Breakdown Voltage,
(V)
VBR
Fig.4 Typical Junction Capacitance
100
100000
1000
10
100
1000
10000
10
1
5
500
Bi-directional @ VRWM
Uni-directional
@zero bias
Bi-directional
@zero bias
Uni-directional
@VRWM
TJ=25
f=1.0MHz
OC
1
250
350
450
TJ = TJ Max
8.3ms Single Half
Sine-Wave
Fig.2 Maximum Non-Repetitive Surge
Current
5000W Transient Voltage Suppressor


Similar Part No. - 5KP8.5-G

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP8.5 SURGE-5KP8.5 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP8.5 LUGUANG-5KP8.5 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
MIC GROUP RECTIFIERS
5KP8.5 MIC-5KP8.5 Datasheet
70Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
5KP8.5 SOCAY-5KP8.5 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Formosa MS
5KP8.5 FORMOSA-5KP8.5 Datasheet
148Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - 5KP8.5-G

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
   5000W Transient Voltage Suppressor
logo
Comchip Technology
A5KP-G COMCHIP-A5KP-G Datasheet
105Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com