Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELS-4005USOWA-S530-A3 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ELS-4005USOWA-S530-A3
Description  4.0" Single Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-4005USOWA-S530-A3 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELS-4005USOWA-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-4005USOWA-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-4005USOWA-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-4005USOWA-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-4005USOWA-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELS-4005USOWA-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
4.0" Single Digit Displays
ELS-4005USOWA/S530-A3
Package Dimensions
Notes: 1.All dimensions are in millimeters , tolerance is 0.25mm unless otherwise noted.
2.Above specification may be changed without notice.
Supplier will reserve authority on material change for above specification.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 2 of 6
Device Number :CDDS-400-032
Prepared date:2007/5/7
Prepared by: YanLi Zhong


Similar Part No. - ELS-4005USOWA-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-4005USOWA EVERLIGHT-ELS-4005USOWA Datasheet
121Kb / 6P
   4.0 Single Digit Displays
ELS-4005USOWA/S530-A3 EVERLIGHT-ELS-4005USOWA/S530-A3 Datasheet
121Kb / 6P
   4.0 Single Digit Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com