Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM45X Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ELM45X
Description  5 PIN SOP HIGH SPEED 1Mbit/s
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELM45X Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELM45X Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELM45X Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELM45X Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELM45X Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELM45X Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELM45X Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELM45X Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELM45X Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELM45X Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5 PIN SOP HIGH SPEED 1Mbit/s
TRANSISTOR PHOTOCOUPLER
Everlight Electronics Co., Ltd.
2
http://www.everlight.com
Document No
:DPC-0000113
Rev.1
October 6, 2011
ELM45X series
Absolute Maximum Ratings (Ta=25°C unless otherwise noted)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
25
mA
Peak forward current
(50% duty, 1ms P.W)
IFP
50
mA
Peak transient current
(≤1µs P.W,300pps)
IFtrans
1
A
Reverse voltage
VR
5
V
Power dissipation
PIN
45
mW
Output
Power dissipation
PO
100
mW
Average Output current
IO(AVG)
8
mA
Peak Output current
IO(PK)
16
mA
Output voltage
VO
-0.5 to 20
V
Supply voltage
VCC
-0.5 to 30
V
Isolation voltage
*1
VISO
3750
V rms
Operating temperature
TOPR
-40 ~ +85
°C
Storage temperature
TSTG
-55 ~ +125
°C
Soldering temperature
*2
TSOL
260
°C
Notes
*1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1 & 3 are shorted together, and pins 4, 5 & 6 are
shorted together.
*2 For 10 seconds.


Similar Part No. - ELM45X

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM45X EVERLIGHT-ELM45X Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45XZ-V EVERLIGHT-ELM45XZ-V Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
More results

Similar Description - ELM45X

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
EL045X EVERLIGHT-EL045X Datasheet
390Kb / 14P
   8 PIN SOP HIGH SPEED 1Mbit/s
ELM453L EVERLIGHT-ELM453L Datasheet
385Kb / 12P
   5 PIN SOP 3.3V 1Mbit/s HIGH SPEED TRANSISTOR PHOTOCOUPLER
EL053X EVERLIGHT-EL053X Datasheet
526Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM6XX EVERLIGHT-ELM6XX Datasheet
447Kb / 13P
   5 PIN SOP HIGH SPEED
logo
ISOCOM COMPONENTS
ICPLW135 ISOCOM-ICPLW135 Datasheet
679Kb / 14P
   High Speed 1Mbit/s
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
ELM6XX EVERLIGHT-ELM6XX_13 Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
6N136M-V EVERLIGHT-6N136M-V Datasheet
1Mb / 13P
   8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com