Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM6XX Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # ELM6XX
Description  5 PIN SOP HIGH SPEED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELM6XX Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  ELM6XX Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELM6XX Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELM6XX Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELM6XX Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELM6XX Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELM6XX Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELM6XX Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELM6XX Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELM6XX Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
5 PIN SOP HIGH SPEED
10MBit/s LOGIC GATE PHOTOCOUPLER
Everlight Electronics Co., Ltd.
4
http://www.everlight.com
Document No
:DPC-0000114
Rev. 1
October 3, 2011
ELM6XX series
Switching Characteristics (Ta=-40 to 85°C, VCC=5V, IF=7.5mA unless specified otherwise)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Propagation delay time to
output High level*
3
(Fig.12)
TPHL
-
41
100
ns
CL = 15pF, RL=350 ,
TA=25°C
Propagation delay time to
output Low level*
3
(Fig.12)
TPLH
-
50
100
ns
CL = 15pF, RL=350 ,
TA=25°C
Pulse width distortion
|Tphl – Tplh|
-
9
35
ns
CL = 15pF, RL=350
Propagation Delay Skew*
4
tPSK
-
-
40
ns
CL = 15pF, RL=350
Output rise time
(Fig.12)
tr
-
40
-
ns
CL = 15pF, RL=350
Output fall time
(Fig.12)
tf
-
10
-
ns
CL = 15pF, RL=350
Common Mode
Transient
Immunity at Logic
High
*6(Fig.14)
M600
CMH
-
-
-
V/µS
IF = 7.5mA , VOH=2.0V,
RL=350 , TA=25°C
VCM=10Vp-p
M601
5,000
IF = 7.5mA , VOH=2.0V,
RL=350 , TA=25°C
VCM=50Vp-p
M611
20,000
IF = 7.5mA , VOH=2.0V,
RL=350 , TA=25°C
VCM=1000Vp-p
Common Mode
Transient
Immunity at Logic
Low
*7(Fig.14)
M600
CML
-
-
-
V/µS
IF = 0mA , VOL=0.8V,
RL=350 , TA=25°C
VCM=10Vp-p
M601
5,000
IF = 0mA , VOL=0.8V,
RL=350 , TA=25°C
VCM=50Vp-p
M611
20,000
IF = 0mA , VOL=0.8V,
RL=350 , TA=25°C
VCM=1000Vp-p
*All typicals at Ta = 25°C, VCC = 5 V.


Similar Part No. - ELM6XX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM6XX EVERLIGHT-ELM6XX Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELM6XXZ-V EVERLIGHT-ELM6XXZ-V Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELM6XX EVERLIGHT-ELM6XX_13 Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
More results

Similar Description - ELM6XX

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM45X EVERLIGHT-ELM45X Datasheet
566Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s
logo
NEC
PS9701 NEC-PS9701 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Everlight Electronics C...
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
   5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
ELM6XX EVERLIGHT-ELM6XX_13 Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELM453L EVERLIGHT-ELM453L Datasheet
385Kb / 12P
   5 PIN SOP 3.3V 1Mbit/s HIGH SPEED TRANSISTOR PHOTOCOUPLER
logo
California Eastern Labs
PS8701 CEL-PS8701 Datasheet
56Kb / 6P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
logo
NEC
PS8103 NEC-PS8103 Datasheet
318Kb / 10P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
   NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8701 NEC-PS8701 Datasheet
65Kb / 8P
   HIGH NOISE REDUCTION HIGH-SPEED ANALOG OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS8103 CEL-PS8103 Datasheet
346Kb / 12P
   HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com