Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1014(TB)-VG Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # EL1014(TB)-VG
Description  4 PIN LONG CREEPAGE SOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL1014(TB)-VG Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button EL1014(TB)-VG Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL1014(TB)-VG Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL1014(TB)-VG Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL1014(TB)-VG Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL1014(TB)-VG Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL1014(TB)-VG Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL1014(TB)-VG Datasheet HTML 10Page - Everlight Electronics Co., Ltd EL1014(TB)-VG Datasheet HTML 11Page - Everlight Electronics Co., Ltd EL1014(TB)-VG Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
4 PIN LONG CREEPAGE SOP
PHOTOTRANSISTOR PHOTOCOUPLER
Everlight Electronics Co., Ltd.
11
http://www.everlight.com
Document No:DPC-0000037 Rev. 1
October 9, 2009
EL101X-G Series
Solder Reflow Temperature Profile
260
°C (peak 10s Max)
150
°C
1-3
°C/Sec Max
70 – 170 Sec
200
°C
217
°C
>255
°C (30s Max)
1-3
°C/Sec Max
60 – 140 Sec
TIME (S)


Similar Part No. - EL1014(TB)-VG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL1014 EVERLIGHT-EL1014 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - EL1014(TB)-VG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL1019-G EVERLIGHT-EL1019-G Datasheet
882Kb / 12P
   4 PIN LONG CREEPAGE SOP 4 PIN LONG CREEPAGE SOP EL101X-G Series
EL111X-G EVERLIGHT-EL111X-G Datasheet
1Mb / 12P
   5 PIN LONG CREEPAGE SOP
EL101X-G EVERLIGHT-EL101X-G_17 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL111X-G EVERLIGHT-EL111X-G_13 Datasheet
849Kb / 12P
   5 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL111X-G EVERLIGHT-EL111X-G_14 Datasheet
1Mb / 12P
   5 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL1018-G EVERLIGHT-EL1018-G Datasheet
882Kb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER EL101X-G Series
logo
Renesas Technology Corp
PS2581AL1 RENESAS-PS2581AL1_15 Datasheet
258Kb / 15P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2581AL1 ETC1-PS2581AL1 Datasheet
361Kb / 11P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581AL1 CEL-PS2581AL1 Datasheet
849Kb / 13P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581L1 RENESAS-PS2581L1_15 Datasheet
247Kb / 15P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com