Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL1119(TA)-VG Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EL1119(TA)-VG
Description  5 PIN LONG CREEPAGE SOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL1119(TA)-VG Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EL1119(TA)-VG Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL1119(TA)-VG Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL1119(TA)-VG Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL1119(TA)-VG Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL1119(TA)-VG Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL1119(TA)-VG Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL1119(TA)-VG Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL1119(TA)-VG Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL1119(TA)-VG Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
5 PIN LONG CREEPAGE SOP
PHOTOTRANSISTOR PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No:DPC-0000040
Rev. 2
February 2, 2010
EL111X-G Series
Features:
• Free halogens compliant
• Current transfer ratio
(CTR: 50~600% at IF =5mA, VCE =5V)
(CTR: 63~320% at IF =10mA, VCE =5V)
• High isolation voltage between input
and output (Viso=5000 V rms )
• Compact 5 Pin SOP with a 2.0 mm profile
• 8mm long creepage distance
• Pb free and RoHS compliant.
• CUL approval (No. E214129)
• VDE approval (No. 40028391)
• SEMKO approved (pending)
• NEMKO approved (pending)
• DEMKO approved (pending)
• FIMKO approved (pending)
Description
The EL111X-G series devices consist of an infrared
emitting diode, optically coupled to a phototransistor
detector. Compound use free halogens and Sb2O3.
They are packaged in a 5-pin SOP package.
Applications
• Programmable controllers
• System appliances, measuring instruments
• Telecommunication equipments
• Home appliances, such as fan heaters, etc.
• Signal transmission between circuits of different potentials and impedances
Pin Configuration
1. Anode
2. Cathode
3. Emitter
4. Collector
5. Base
Schematic
1
5
4
2
3


Similar Part No. - EL1119(TA)-VG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL1119 EVERLIGHT-EL1119 Datasheet
1Mb / 12P
   5 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL1119 EVERLIGHT-EL1119 Datasheet
849Kb / 12P
   5 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - EL1119(TA)-VG

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL111X-G EVERLIGHT-EL111X-G_13 Datasheet
849Kb / 12P
   5 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL111X-G EVERLIGHT-EL111X-G_14 Datasheet
1Mb / 12P
   5 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL101X-G EVERLIGHT-EL101X-G Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP
EL1019-G EVERLIGHT-EL1019-G Datasheet
882Kb / 12P
   4 PIN LONG CREEPAGE SOP 4 PIN LONG CREEPAGE SOP EL101X-G Series
EL101X-G EVERLIGHT-EL101X-G_17 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL1018-G EVERLIGHT-EL1018-G Datasheet
882Kb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER EL101X-G Series
logo
Renesas Technology Corp
PS2581AL1 RENESAS-PS2581AL1_15 Datasheet
258Kb / 15P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
ISOCOM COMPONENTS
ISLT1102 ISOCOM-ISLT1102 Datasheet
453Kb / 4P
   ISLT1102 ( Long Creepage )
logo
List of Unclassifed Man...
PS2581AL1 ETC1-PS2581AL1 Datasheet
361Kb / 11P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581AL1 CEL-PS2581AL1 Datasheet
849Kb / 13P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com