Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2601M(TA)-V Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # EL2601M(TA)-V
Description  8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL2601M(TA)-V Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button EL2601M(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL2601M(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL2601M(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL2601M(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL2601M(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL2601M(TA)-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd EL2601M(TA)-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd EL2601M(TA)-V Datasheet HTML 12Page - Everlight Electronics Co., Ltd EL2601M(TA)-V Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
9
http://www.everlight.com
Document No
:DPC-0000120 Rev. 2
November 2, 2011
6N137
EL26XX series
Notes:
*3 The VCC supply must be bypassed by a 0.1µF capacitor or larger. This can be either a ceramic or solid
tantalum capacitor with good high frequency characteristic and should be connected as close as possible to
the package VCC and GND pins
*4. Enable Input – No pull up resistor required as the device has an internal pull up resistor.
*5. tPLH
– Propagation delay is measured from the 3.75mA level on the HIGH to LOW transition of the input
current pulse to the 1.5 V level on the LOW to HIGH transition of the output voltage pulse.
*6. tPHL
– Propagation delay is measured from the 3.75mA level on the LOW to HIGH transition of the input
current pulse to the 1.5 V level on the HIGH to LOW transition of the output voltage pulse.
*7. tr
– Rise time is measured from the 90% to the 10% levels on the LOW to HIGH transition of the output
pulse.
*8. tf
– Fall time is measured from the 10% to the 90% levels on the HIGH to LOW transition of the output
pulse.
*9. tELH
– Enable input propagation delay is measured from the 1.5V level on the HIGH to LOW transition of
the input voltage pulse to the 1.5V level on the LOW to HIGH transition of the output voltage pulse.
*10. tEHL
– Enable input propagation delay is measured from the 1.5V level on the LOW to HIGH transition of
the input voltage pulse to the 1.5V level on the HIGH to LOW transition of the output voltage pulse.
*11 CMH– The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in
the HIGH state (i.e., VOUT > 2.0V).
*12 CML– The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in
the LOW output state (i.e., VOUT < 0.8V).
Order Information
Part Number
6N137Y(Z)-V
Or
EL26XXY(Z)-V
Note
X
= (01 or 11) for EL26 part no.
Y
= Lead form option (S, S1, M or none)
Z
= Tape and reel option (TA, TB or none).
V
= VDE (optional)
Option
Description
Packing quantity
None
Standard DIP-8
45 units per tube
M
Wide lead bend (0.4 inch spacing)
45 units per tube
S (TA)
Surface mount lead form + TA tape & reel option
1000 units per reel
S (TB)
Surface mount lead form + TB tape & reel option
1000 units per reel
S1 (TA)
Surface mount lead form (low profile) + TA tape & reel option
1000 units per reel
S1 (TB)
Surface mount lead form (low profile) + TB tape & reel option
1000 units per reel


Similar Part No. - EL2601M(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL2601M(TA)-V EVERLIGHT-EL2601M(TA)-V Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

Similar Description - EL2601M(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137_13 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELW137 EVERLIGHT-ELW137_13 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL06XX EVERLIGHT-EL06XX_14 Datasheet
411Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
EL060L EVERLIGHT-EL060L Datasheet
1Mb / 13P
   8 PIN SOP 3.3V HIGH SPEED - 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL063X EVERLIGHT-EL063X Datasheet
854Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
Fairchild Semiconductor
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com