Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL0600(TB)-V Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # EL0600(TB)-V
Description  8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL0600(TB)-V Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  EL0600(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL0600(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL0600(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL0600(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL0600(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL0600(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL0600(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL0600(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL0600(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No:DPC-0000088
Rev.3
August 25, 2011
EL06XX series
Electrical Characteristics (Ta=-40 to 85°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
1.4
1.8
V
IF = 10mA
Reverse voltage
VR
5.0
-
-
V
IR = 10μA
Temperature coefficient of
forward voltage
V
F/TA
-
-1.8
-
mV/°C
IF =10mA
Input capacitance
CIN
-
60
-
pF
VF=0, f=1MHz
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
High level supply current
ICCH
-
-
10
mA
IF=10mA, VE=0.5V,
VCC=5.5V
Low level supply current
ICCL
-
-
13
mA
IF=0mA, VE=0.5V,
VCC=5.5V
High level enable current
IEH
-
-
-1.6
mA
VE=2.0V, VCC=5.5V
Low level enable current
IEL
-
-
-1.6
mA
VE=0.5V, VCC=5.5V
High level enable voltage
VEH
2.0
-
-
V
IF=10mA, VCC=5.5V
Low level enable voltage
*4
VEL
-
-
0.8
V
IF=10mA, VCC=5.5V
Transfer Characteristics
(Ta=-40 to 85°C unless specified otherwise)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
HIGH Level Output Current
IOH
-
-
100
uA
VCC=5.5V, VO=5.5V,
IF=250μA, VE=2.0V
LOW Level Output Current
VOL
-
-
0.6
V
VCC = 5.5V, IF=5mA,
VE=2.0V,ICL=13mA
Input Threshold Current
IFT
-
-
5
mA
VCC= 5.5V, VO=0.6V,
VE =2.0V,IOL=13mA


Similar Part No. - EL0600(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL0600 EVERLIGHT-EL0600 Datasheet
411Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
More results

Similar Description - EL0600(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX_14 Datasheet
411Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
EL060L EVERLIGHT-EL060L Datasheet
1Mb / 13P
   8 PIN SOP 3.3V HIGH SPEED - 10MBit/s LOGIC GATE PHOTOCOUPLER
EL063X EVERLIGHT-EL063X Datasheet
854Kb / 13P
   8 PIN SOP DUAL CHANNEL HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELM6XX EVERLIGHT-ELM6XX_13 Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137_13 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
ELW137 EVERLIGHT-ELW137_13 Datasheet
715Kb / 14P
   8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
Fairchild Semiconductor
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com