Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL111X-G Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part No. EL111X-G
Description  5 PIN LONG CREEPAGE SOP
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

EL111X-G Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5 PIN LONG CREEPAGE SOP
PHOTOTRANSISTOR PHOTOCOUPLER
Everlight Electronics Co., Ltd.
2
http://www.everlight.com
Document No:DPC-0000040
Rev. 2
February 2, 2010
EL111X-G Series
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Forward current
IF
60
mA
Peak forward current (1us, pulse)
IFP
1.5
A
Reverse voltage
VR
6
V
Input
Power dissipation
PD
100
mW
Power dissipation
PC
150
mW
Collector current
IC
50
mA
Collector-Emitter voltage
VCEO
80
V
Output
Emitter-Collector voltage
VECO
7
V
Total power dissipation
PTOT
250
mW
Isolation voltage
*1
VISO
5000
V rms
Operating temperature
TOPR
-55 ~ +110
°C
Storage temperature
TSTG
-55 ~ +125
°C
Soldering temperature
*2
TSOL
260
°C
Notes
*1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1 & 2 are shorted together, and pins 3 & 4
are shorted together.
*2 For 10 seconds.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn