Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL111X-G Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part No. EL111X-G
Description  5 PIN LONG CREEPAGE SOP
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

EL111X-G Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5 PIN LONG CREEPAGE SOP
PHOTOTRANSISTOR PHOTOCOUPLER
Everlight Electronics Co., Ltd.
6
http://www.everlight.com
Document No:DPC-0000040
Rev. 2
February 2, 2010
EL111X-G Series
VCC
Figure 11. Switching Time Test Circuit & Waveforms
IF
IC
RL
RIN
Output
Input
Pulse
10%
Input
Output
Pulse
90%
t
t
r
f
ton
toff


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn