Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EL111X-G Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part No. EL111X-G
Description  5 PIN LONG CREEPAGE SOP
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

EL111X-G Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5 PIN LONG CREEPAGE SOP
PHOTOTRANSISTOR PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No:DPC-0000040
Rev. 2
February 2, 2010
EL111X-G Series
Electrical Characteristics (Ta=25°C unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Forward voltage
VF
-
-
1.5
V
IF = 50mA
Reverse current
IR
-
-
10
µA
VR = 6V
Input capacitance
Cin
-
50
-
pF
V = 0, f = 1kHz
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector-Emitter dark
current
ICEO
-
-
100
nA
VCE = 20V, IF = 0mA
Collector-Emitter
breakdown voltage
BVCEO
80
-
-
V
IC = 0.1mA
Emitter-Collector
breakdown voltage
BVECO
7
-
-
V
IE = 0.1mA
Transfer Characteristics (Ta=25°C unless specified otherwise)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
EL1110
50
-
600
EL1116
100
-
300
EL1117
80
-
160
EL1118
130
-
260
EL1119
CTR
200
-
400
%
IF = 5mA ,VCE = 5V
EL1112
63
-
125
EL1113
100
-
200
EL1114
160
-
320
IF = 10mA ,VCE = 5V
EL1112
22
-
-
EL1113
34
-
-
Current Transfer
ratio
EL1114
CTR
56
-
-
%
IF = 1mA ,VCE = 5V
Collector-Emitter
saturation voltage
VCE(sat)
-
-
0.4
V
IF = 10mA ,IC = 1mA
Isolation resistance
RIO
5×10
10
-
-
Ω
VIO = 500Vdc,
40~60% R.H.
Floating capacitance
CIO
-
-
1.0
pF
VIO = 0, f = 1MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn