Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX1117C50Z Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NX1117C50Z
Description  Low-dropout linear regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX1117C50Z Datasheet(HTML) 1 Page - NXP Semiconductors

  NX1117C50Z Datasheet HTML 1Page - NXP Semiconductors NX1117C50Z Datasheet HTML 2Page - NXP Semiconductors NX1117C50Z Datasheet HTML 3Page - NXP Semiconductors NX1117C50Z Datasheet HTML 4Page - NXP Semiconductors NX1117C50Z Datasheet HTML 5Page - NXP Semiconductors NX1117C50Z Datasheet HTML 6Page - NXP Semiconductors NX1117C50Z Datasheet HTML 7Page - NXP Semiconductors NX1117C50Z Datasheet HTML 8Page - NXP Semiconductors NX1117C50Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The NX1117C/NX1117CE are two series of low-dropout positive voltage regulators with an
output current capability of 1 A. The two series consist of 18 fixed output voltage versions
and two adjustable output voltage versions. NX1117C series offers an output voltage
accuracy of
1 % and NX1117CE series of 1.25 %.
The regulators feature output current limiting, Safe Operating Area (SOA) control, and
thermal shutdown.
The NX1117C/NX1117CE series are housed in a medium power SOT223 (SC-73)
Surface-Mounted Device (SMD) plastic package.
2.
Features and benefits
NX1117C; NX1117CE series
Low-dropout linear regulators
Rev. 1 — 18 July 2011
Product data sheet
Table 1.
Product overview
Output voltage Vout (V)
Output voltage accuracy
of
1%
Output voltage accuracy
of
1.25 %
1.25 adjustable
NX1117CADJZ
NX1117CEADJZ
1.2
NX1117C12Z
NX1117CE12Z
1.5
NX1117C15Z
NX1117CE15Z
1.8
NX1117C18Z
NX1117CE18Z
1.9
NX1117C19Z
NX1117CE19Z
2.0
NX1117C20Z
NX1117CE20Z
2.5
NX1117C25Z
NX1117CE25Z
2.85
NX1117C285Z
NX1117CE285Z
3.3
NX1117C33Z
NX1117CE33Z
5.0
NX1117C50Z
NX1117CE50Z
Maximum output current of 1 A
SOA control
Wide operation range to 20 V input
Thermal shutdown
Output voltage accuracy of
1%or 1.25 %
No minimum load requirements for fixed
output voltage versions
Output current limiting
Temperature range
40 C to 125 C


Similar Part No. - NX1117C50Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX1117 NXP-NX1117 Datasheet
13Mb / 24P
   DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - NX1117C50Z

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com