Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY64 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # CNY64
Description  4 PIN DIP VERY HIGH ISOLATION VOLTAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CNY64 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  CNY64 Datasheet HTML 1Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 2Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 3Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 4Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 5Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 6Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 7Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 8Page - Everlight Electronics Co., Ltd CNY64 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-12-21 12:00:27.0
4 PIN DIP VERY HIGH ISOLATION VOLTAGE
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
4
http:\\www.everlight.com
Document No:DPC-0000041 Rev. 2
Dcemeber, 11 2009
CNY64 series
CNY65 series
Typical Performance Curves


Similar Part No. - CNY64

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CNY64 VISHAY-CNY64 Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
CNY64 VISHAY-CNY64 Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,Very High Isolation Voltage
Rev. 1.7, 20-Oct-08
logo
Everlight Electronics C...
CNY64 EVERLIGHT-CNY64 Datasheet
430Kb / 11P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
CNY64 EVERLIGHT-CNY64 Datasheet
1Mb / 9P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
More results

Similar Description - CNY64

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
CNY64 EVERLIGHT-CNY64_13 Datasheet
1Mb / 9P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
CNY64S EVERLIGHT-CNY64S Datasheet
430Kb / 11P
   4 PIN DIP VERY HIGH ISOLATION VOLTAGE PHOTOCOUPLER
logo
NEC
PS7360 NEC-PS7360 Datasheet
50Kb / 5P
   HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
logo
Everlight Electronics C...
EL851 EVERLIGHT-EL851 Datasheet
461Kb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR
logo
Renesas Technology Corp
PS7341-1A RENESAS-PS7341-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE
PS7360-1A RENESAS-PS7360-1A_15 Datasheet
225Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE
logo
NEC
PS2761-1 NEC-PS2761-1 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2621 CEL-PS2621 Datasheet
123Kb / 4P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2761-1 RENESAS-PS2761-1 Datasheet
261Kb / 12P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
Everlight Electronics C...
EL851 EVERLIGHT-EL851_16 Datasheet
674Kb / 13P
   4 PIN DIP HIGH VOLTAGE PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com