Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX1117C12Z Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NX1117C12Z
Description  Low-dropout linear regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX1117C12Z Datasheet(HTML) 4 Page - NXP Semiconductors

  NX1117C12Z Datasheet HTML 1Page - NXP Semiconductors NX1117C12Z Datasheet HTML 2Page - NXP Semiconductors NX1117C12Z Datasheet HTML 3Page - NXP Semiconductors NX1117C12Z Datasheet HTML 4Page - NXP Semiconductors NX1117C12Z Datasheet HTML 5Page - NXP Semiconductors NX1117C12Z Datasheet HTML 6Page - NXP Semiconductors NX1117C12Z Datasheet HTML 7Page - NXP Semiconductors NX1117C12Z Datasheet HTML 8Page - NXP Semiconductors NX1117C12Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
NX1117C_NX1117CE_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 18 July 2011
4 of 21
NXP Semiconductors
NX1117C; NX1117CE series
Low-dropout linear regulators
9.
Recommended operating conditions
10. Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for output 6 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
(1) Ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint
(2) FR4 PCB, mounting pad for output 6 cm2
(3) FR4 PCB, standard footprint
Fig 3.
Power derating curves
Tamb (°C)
–75
175
125
25
75
–25
006aac644
1.0
1.5
0.5
2.0
2.5
Ptot
(W)
0.0
(2)
(1)
(3)
Table 6.
Recommended operation conditions
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
Vin
input voltage
-
20
V
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] --
150
K/W
[2] --
72
K/W
[3] --
45
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
--
20
K/W


Similar Part No. - NX1117C12Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX1117 NXP-NX1117 Datasheet
13Mb / 24P
   DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - NX1117C12Z

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com