Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX1117CE Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NX1117CE
Description  Low-dropout linear regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX1117CE Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NX1117CE Datasheet HTML 7Page - NXP Semiconductors NX1117CE Datasheet HTML 8Page - NXP Semiconductors NX1117CE Datasheet HTML 9Page - NXP Semiconductors NX1117CE Datasheet HTML 10Page - NXP Semiconductors NX1117CE Datasheet HTML 11Page - NXP Semiconductors NX1117CE Datasheet HTML 12Page - NXP Semiconductors NX1117CE Datasheet HTML 13Page - NXP Semiconductors NX1117CE Datasheet HTML 14Page - NXP Semiconductors NX1117CE Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NX1117C_NX1117CE_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 18 July 2011
11 of 21
NXP Semiconductors
NX1117C; NX1117CE series
Low-dropout linear regulators
[1]
The SOA control limits the output current at high voltage differences Vin  Vout in order to keep the device in the safe operating area.
[2]
During testing low duty cycle pulse techniques are used to maintain the junction temperature as close to ambient as possible.
Temperature stability
V
out
output voltage variation
40 C  T
amb  125 C-
0.7
-
%
Long-term stability
V
out
output voltage variation
1000 h end-point measurement; Tamb =25 C-
0.3
-
%
Table 8.
Characteristics …continued
Cin = 680 nF in series with 1 ,and Cout = 680 nF in series with 1 . For typical value Tamb =25 C; for minimum and
maximum values Tamb is the operating temperature range 40 C to 125 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vin =Vout +2 V
Iout =10mA
Load pulsed at 1 % duty cycle
(1) Tamb = 40 C
(2) Tamb =25 C
(3) Tamb = 125 C
Fig 7.
Output voltage variation as a function of
ambient temperature; typical values
Fig 8.
Dropout voltage as a function of output
current; typical values
Tamb (°C)
–50
150
100
050
006aac659
0
–1
1
2
∆Vout
(%)
–2
Iout (mA)
0
800
600
200
400
006aac660
0.8
1.0
0.6
0.4
0.2
1.2
1.4
Vdo
(V)
0.0
(1)
(2)
(3)


Similar Part No. - NX1117CE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX1117 NXP-NX1117 Datasheet
13Mb / 24P
   DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - NX1117CE

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com