Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX1117CE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NX1117CE
Description  Low-dropout linear regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX1117CE Datasheet(HTML) 2 Page - NXP Semiconductors

  NX1117CE Datasheet HTML 1Page - NXP Semiconductors NX1117CE Datasheet HTML 2Page - NXP Semiconductors NX1117CE Datasheet HTML 3Page - NXP Semiconductors NX1117CE Datasheet HTML 4Page - NXP Semiconductors NX1117CE Datasheet HTML 5Page - NXP Semiconductors NX1117CE Datasheet HTML 6Page - NXP Semiconductors NX1117CE Datasheet HTML 7Page - NXP Semiconductors NX1117CE Datasheet HTML 8Page - NXP Semiconductors NX1117CE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
NX1117C_NX1117CE_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 18 July 2011
2 of 21
NXP Semiconductors
NX1117C; NX1117CE series
Low-dropout linear regulators
3.
Applications
Post regulator for switching DC-to-DC converter
High-efficiency linear regulators
Battery charger
USB devices
Hard drive controllers
Consumer and industrial equipment point of load
4.
Ordering information
5.
Marking
Table 2.
Ordering information
Type number
Package
Name
Description
Version
NX1117C/NX1117CE
series
-
plastic surface-mounted package with increased
heat sink; 4 leads
SOT223
Table 3.
Marking codes
Type number
Marking code
Type number
Marking code
NX1117CADJZ
NCADJZ
NX1117CEADJZ
7CEADJ
NX1117C12Z
N7C12Z
NX1117CE12Z
7CE12Z
NX1117C15Z
N7C15Z
NX1117CE15Z
7CE15Z
NX1117C18Z
N7C18Z
NX1117CE18Z
7CE18Z
NX1117C19Z
N7C19Z
NX1117CE19Z
7CE19Z
NX1117C20Z
N7C20Z
NX1117CE20Z
7CE20Z
NX1117C25Z
N7C25Z
NX1117CE25Z
7CE25Z
NX1117C285Z
NC285Z
NX1117CE285Z
7CE285
NX1117C33Z
N7C33Z
NX1117CE33Z
7CE33Z
NX1117C50Z
N7C50Z
NX1117CE50Z
7CE50Z


Similar Part No. - NX1117CE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX1117 NXP-NX1117 Datasheet
13Mb / 24P
   DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
October 2012
More results

Similar Description - NX1117CE

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com