Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL117M(TB)-V Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # TIL117M(TB)-V
Description  6 PIN DIP PHOTOTRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

TIL117M(TB)-V Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  TIL117M(TB)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd TIL117M(TB)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd TIL117M(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd TIL117M(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd TIL117M(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd TIL117M(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd TIL117M(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd TIL117M(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd TIL117M(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No:DPC-0000048
Rev. 3
December 28, 2009
TIL11X Series
MCT2X Series
Features
• TIL11X series: TIL111, TIL117
• MCT2X series: MCT2, MCT2E
• High isolation voltage between input and output
Viso = 5000 Vrms
• Creepage distance >7.6mm
• Compact dual-in-line package
• Operating temperature up to +110°C
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No. 132249)
• SEMKO approval
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved
• CQC approved
Description
The TIL11X series and MCT2X series of devices each
consist of an infrared emitting diode optically coupled to a
phototransistor detector.
Schematic
They are packaged in a 6-pin DIP package and available in
wide-lead spacing and SMD option.
Applications
Power supply regulators
Digital logic inputs
Microprocessor inputs
Appliance system
Industrial controls
1. Anode
2. Cathode
3. No Connection
4. Emitter
5. Collector
6. Base


Similar Part No. - TIL117M(TB)-V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIL117M FAIRCHILD-TIL117M Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
logo
ON Semiconductor
TIL117M ONSEMI-TIL117M Datasheet
294Kb / 9P
   6-Pin General Purpose Phototransistor Optocouplers
November-2017, Rev. 2
logo
Fairchild Semiconductor
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
More results

Similar Description - TIL117M(TB)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_10 Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17-X EVERLIGHT-CNY17-X_10 Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
List of Unclassifed Man...
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com