Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45-21-XK2C-BXXXXXXXXXX-2T Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 45-21-XK2C-BXXXXXXXXXX-2T
Description  PLCC-2 package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

45-21-XK2C-BXXXXXXXXXX-2T Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 45-21-XK2C-BXXXXXXXXXX-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 45-21-XK2C-BXXXXXXXXXX-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 45-21-XK2C-BXXXXXXXXXX-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 45-21-XK2C-BXXXXXXXXXX-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 45-21-XK2C-BXXXXXXXXXX-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 45-21-XK2C-BXXXXXXXXXX-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 45-21-XK2C-BXXXXXXXXXX-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 45-21-XK2C-BXXXXXXXXXX-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 45-21-XK2C-BXXXXXXXXXX-2T Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DATASHEET
SMD Low Power LED
45-21/XK2C-BXXXXXXXXXX/2T
7
Copyright © 2010, Everlight All Rights Reserved. Release Date : 19.Oct.2011. Issue No: V2
Issue No:
www.everlight.com
Bin Range of Chromaticity Coordinates
CCT
Bin Code
CIE_x
CIE_y
CCT
Bin Code
CIE_x
CIE_y
4500K
~4100K
T5
0.3642
0.3829
3800K
~3500K
R5
0.3963
0.4035
0.3811
0.3937
0.4148
0.4161
0.3783
0.3825
0.4086
0.3995
0.3622
0.3716
0.3924
0.3909
T6
0.3622
0.3716
R6
0.3924
0.3909
0.3783
0.3825
0.4086
0.3995
0.3741
0.3658
0.4021
0.3822
0.3594
0.3557
0.3871
0.3739
4100K
~3800K
S5
0.3811
0.3937
3500K
~3250K
Q5
0.4148
0.4161
0.3963
0.4035
0.4312
0.4234
0.3924
0.3909
0.4240
0.4065
0.3783
0.3825
0.4086
0.3995
S6
0.3783
0.3825
Q6
0.4086
0.3995
0.3924
0.3909
0.4240
0.4065
0.3871
0.3739
0.4165
0.3890
0.3741
0.3658
0.4021
0.3822
3250K
~3050K
P5
0.4312
0.4234
3050K
~2850K
N5
0.4456
0.4287
0.4456
0.4287
0.4614
0.4333
0.4376
0.4116
0.4525
0.4162
0.4240
0.4065
0.4376
0.4116
P6
0.4240
0.4065
N6
0.4376
0.4116
0.4376
0.4116
0.4525
0.4162
0.4294
0.3943
0.4436
0.3991
0.4165
0.3890
0.4294
0.3943
Note:
1. The value is based on driving current by 20mA.
2. Tolerance of Chromaticity Coordinates: ±0.01


Similar Part No. - 45-21-XK2C-BXXXXXXXXXX-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
45-21-XK2C-BXXXXXXXXX-2T EVERLIGHT-45-21-XK2C-BXXXXXXXXX-2T Datasheet
439Kb / 16P
   Low Power LED
More results

Similar Description - 45-21-XK2C-BXXXXXXXXXX-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-XK2C-BXXXXXXXXXX-2T EVERLIGHT-67-21-XK2C-BXXXXXXXXXX-2T Datasheet
398Kb / 17P
   PLCC-2 package
logo
P-tec Corporation
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCY04 P-TEC-PL008R-WCY04 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW15Z P-TEC-PL008R-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-A100-J00J1 AVAGO-HSMS-A100-J00J1 Datasheet
356Kb / 13P
   PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
logo
P-tec Corporation
PL008-WCW13Z P-TEC-PL008-WCW13Z Datasheet
32Kb / 1P
   White SMD LED PLCC-2 Package
logo
OSRAM GmbH
LR-T64F OSRAM-LR-T64F Datasheet
2Mb / 24P
   black PLCC-2 package, colorless resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com