Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGP3006X6 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # MGP3006X6
Description  GHz PLL with I2C Bus and Four Chip Addresses
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

MGP3006X6 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  MGP3006X6 Datasheet HTML 1Page - Siemens Semiconductor Group MGP3006X6 Datasheet HTML 2Page - Siemens Semiconductor Group MGP3006X6 Datasheet HTML 3Page - Siemens Semiconductor Group MGP3006X6 Datasheet HTML 4Page - Siemens Semiconductor Group MGP3006X6 Datasheet HTML 5Page - Siemens Semiconductor Group MGP3006X6 Datasheet HTML 6Page - Siemens Semiconductor Group MGP3006X6 Datasheet HTML 7Page - Siemens Semiconductor Group MGP3006X6 Datasheet HTML 8Page - Siemens Semiconductor Group MGP3006X6 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Semiconductor Group
4
MGP 3006X6
Circuit Description (cont’d)
Bit Allocation
Divider Ratio
N = 16384
× n14 + 8192 × n13 + 4096 × n12 + 2048 × n11 + 1024 × n10 + 512 × n9 +
256
× n8 + 128 × n7 + 64 × n6 + 32 × n5 + 16 × n4 + 8 × n3 + 4 × n2 + 2 × n1 + n0
Band Selection
P0, P1, P2, P4, P7 = 1
Open-collector output is active.
Pump Current Programming
5I = 1
High current
UD Disable
OS = 1
UD is disabled.
Test Mode
T1, T0 = 0, 0
Normal operation
T1 = 1
P3 =
f
REF; P4 = Cy
T0 = 1
Tristate: charge pump output PD is in high-impedance state.
MSB
A = Acknowledge
Address byte
1
1
0
0
0
MA1
MA0
0
A
Prog. divider Byte 1
0
n14
n13
n12
n11
n10
n9
n8
A
Prog. divider Byte 2
n7
n6
n5
n4
n3
n2
n1
n0
A
Control info. Byte 1
1
5I
T1
T0
X
X
1
OS
A
Control info. Byte 2
P7
X
X
P4
X
P2
P1
P0
A


Similar Part No. - MGP3006X6

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
MGP3006X SIEMENS-MGP3006X Datasheet
450Kb / 21P
   GHz PLL with I2C Bus and Four Chip Addresses
More results

Similar Description - MGP3006X6

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
MGP3006X SIEMENS-MGP3006X Datasheet
450Kb / 21P
   GHz PLL with I2C Bus and Four Chip Addresses
SDA3302 SIEMENS-SDA3302 Datasheet
864Kb / 27P
   GHz PLL with I2C Bus and Four Chip Addresses
SDA6102X SIEMENS-SDA6102X Datasheet
596Kb / 16P
   TV SAT PLL WITH I2C BUS AND FOUR CHIP ADDRESSES
SDA3202 SIEMENS-SDA3202 Datasheet
462Kb / 10P
   1.3 GHZ PLL WITH I2C BUS
logo
TEMIC Semiconductors
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Motorola, Inc
MC44824 MOTOROLA-MC44824 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND I2C BUS
MC44818 MOTOROLA-MC44818 Datasheet
162Kb / 8P
   TV AND VCR PLL TUNING CIRCUIT WITH 1.3 GHz PRESCALER AND I2C BUS
logo
TEMIC Semiconductors
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
logo
Siemens Semiconductor G...
TBB200 SIEMENS-TBB200 Datasheet
460Kb / 28P
   PLL-Frequency Synthesizer with I2C Bus
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com