Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11AA2M(TB)-V Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # H11AA2M(TB)-V
Description  AC INPUT PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

H11AA2M(TB)-V Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button H11AA2M(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd H11AA2M(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd H11AA2M(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd H11AA2M(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd H11AA2M(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd H11AA2M(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd H11AA2M(TB)-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd H11AA2M(TB)-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd H11AA2M(TB)-V Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
6 PIN DIP PHOTOTRANSISTOR
AC INPUT PHOTOCOUPLER
Everlight Electronics Co., Ltd.
11
http:\\www.everlight.com
Document No:DPC-717-055
Rev.2
August 14, 2008
H11AAX Series
Solder Reflow Temperature Profile
260
°C (peak,10 Sec Max)
150
°C
1-3
°C/Sec Max
70 – 170 Sec
200
°C
217
°C
>255
°C (30s Min)
1-3
°C/Sec Max
60 – 140 Sec
TIME (S)


Similar Part No. - H11AA2M(TB)-V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AA2M FAIRCHILD-H11AA2M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
More results

Similar Description - H11AA2M(TB)-V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC814 SHARP-PC814 Datasheet
74Kb / 5P
   AC Input Photocoupler
PC733 SHARP-PC733 Datasheet
66Kb / 4P
   AC Input Type Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
   AC Input Type OPIC Photocoupler
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
logo
Everlight Electronics C...
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL814 EVERLIGHT-EL814_16 Datasheet
995Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL3H4-G EVERLIGHT-EL3H4-G_16 Datasheet
861Kb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC733H SHARP-PC733H Datasheet
66Kb / 4P
   High Input Current, AC Input Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com