Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIL111M(TA)-V Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part No. TIL111M(TA)-V
Description  6 PIN DIP PHOTOTRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

TIL111M(TA)-V Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  TIL111M(TA)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No:DPC-0000048
Rev. 3
December 28, 2009
TIL11X Series
MCT2X Series
Features
• TIL11X series: TIL111, TIL117
• MCT2X series: MCT2, MCT2E
• High isolation voltage between input and output
Viso = 5000 Vrms
• Creepage distance >7.6mm
• Compact dual-in-line package
• Operating temperature up to +110°C
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No. 132249)
• SEMKO approval
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved
• CQC approved
Description
The TIL11X series and MCT2X series of devices each
consist of an infrared emitting diode optically coupled to a
phototransistor detector.
Schematic
They are packaged in a 6-pin DIP package and available in
wide-lead spacing and SMD option.
Applications
Power supply regulators
Digital logic inputs
Microprocessor inputs
Appliance system
Industrial controls
1. Anode
2. Cathode
3. No Connection
4. Emitter
5. Collector
6. Base


Similar Part No. - TIL111M(TA)-V

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
TIL111M FAIRCHILD-TIL111M Datasheet
609Kb / 14P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL111M FAIRCHILD-TIL111M Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
ON Semiconductor
ON Semiconductor
TIL111M ONSEMI-TIL111M Datasheet
294Kb / 9P
   6-Pin General Purpose Phototransistor Optocouplers
November-2017, Rev. 2
More results

Similar Description - TIL111M(TA)-V

ManufacturerPart No.DatasheetDescription
Everlight Electronics Co., Ltd
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_10 Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17-X EVERLIGHT-CNY17-X_10 Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Everlight Electronics Co., Ltd
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
List of Unclassifed Manufacturers
List of Unclassifed Man...
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
Everlight Electronics Co., Ltd
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz