Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIL111M(TA)-V Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part No. TIL111M(TA)-V
Description  6 PIN DIP PHOTOTRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

TIL111M(TA)-V Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  TIL111M(TA)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd TIL111M(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
4
http://www.everlight.com
Document No:DPC-0000048
Rev. 3
December 28, 2009
TIL11X Series
MCT2X Series
Transfer Characteristics
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
All
-
-
0.4
IF = 16mA , IC = 2mA
Collector-Emitter
saturation voltage
TIL117
VCE(sat)
-
-
0.4
V
IF = 10mA , IC = 0.5mA
Isolation resistance
RIO
10
11
-
-
Ω
VIO = 500Vdc
Input-output capacitance
CIO
-
-
2
pF
VIO = 0, f = 1MHz
Turn-on time
TIL117
Ton
-
10
12
Turn-off time
TIL117
Toff
-
9
12
Rise time
TIL117
TIL111
tr
-
6
10
Fall time
TIL117
TIL111
tf
-
8
10
µs
VCC = 10V,
IC = 2mA, RL = 100Ω
Turn-on time
MCT2
MCT2E
Ton
-
3
10
Turn-off time
MCT2
MCT2E
Toff
-
3
10
Rise time
MCT2
MCT2E
tr
-
3
10
Fall time
MCT2
MCT2E
tf
-
3
10
µs
VCC = 10V,
IF = 10mA, RL = 100Ω
* Typical values at Ta = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn