Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIL111S(TA)-V Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part No. TIL111S(TA)-V
Description  6 PIN DIP PHOTOTRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

TIL111S(TA)-V Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  TIL111S(TA)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No:DPC-0000048
Rev. 3
December 28, 2009
TIL11X Series
MCT2X Series
Features
• TIL11X series: TIL111, TIL117
• MCT2X series: MCT2, MCT2E
• High isolation voltage between input and output
Viso = 5000 Vrms
• Creepage distance >7.6mm
• Compact dual-in-line package
• Operating temperature up to +110°C
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No. 132249)
• SEMKO approval
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved
• CQC approved
Description
The TIL11X series and MCT2X series of devices each
consist of an infrared emitting diode optically coupled to a
phototransistor detector.
Schematic
They are packaged in a 6-pin DIP package and available in
wide-lead spacing and SMD option.
Applications
Power supply regulators
Digital logic inputs
Microprocessor inputs
Appliance system
Industrial controls
1. Anode
2. Cathode
3. No Connection
4. Emitter
5. Collector
6. Base


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn