Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIL111S(TA)-V Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part No. TIL111S(TA)-V
Description  6 PIN DIP PHOTOTRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

TIL111S(TA)-V Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  TIL111S(TA)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd TIL111S(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No:DPC-0000048
Rev. 3
December 28, 2009
TIL11X Series
MCT2X Series
Electrical Characteristics (TA=25℃ unless specified otherwise)
Input
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
TIL111
-
1.22
1.4
IF = 16mA
-
-
1.4
TA=0-70℃, IF = 16mA
-
1.32
-
TA= -55℃, IF = 16mA
TIL117
-
1.1
-
TA=110℃, IF = 16mA
Forward voltage
MCT2
MCT2E
VF
-
1.23
1.5
V
IF = 20mA
Reverse current
IR
-
-
10
µA
VR = 6V
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector-Base
dark current
ICBO
-
-
20
nA
VCB = 10V
All
-
1
50
nA
VCE = 10V, IF = 0mA
Collector-Emitter dark
current
TIL117
ICEO
-
0.2
50
nA
VCE = 30V, IF = 0mA,
TA=70℃
Collector-Emitter
breakdown voltage
BVCEO
80
-
-
V
IC = 1mA
Collector-Base
breakdown voltage
BVCBO
80
-
-
V
IC = 0.01mA
Emitter-Collector
breakdown voltage
BVECO
7
-
-
V
IE = 0.1mA
Emitter-Base
breakdown voltage
BVEBO
7
-
-
V
IE = 0.1mA
Transfer Characteristics
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector current
(Phototransistor
operation)
2
-
-
mA
IF = 16mA ,VCE = 0.4V
Collector current
(Photodiode
operation)
TIL111
IC(ON)
7
-
-
µA
IF = 16mA ,VCB = 0.4V
TIL117
50
-
-
IF = 10mA ,VCE = 10V
Current Transfer
Ratio
MCT2
MCT2E
CTR
20
-
-
%
IF = 10mA ,VCE = 10V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn