Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM04H-P05-40K-N51-TR Datasheet(PDF) 12 Page - Everlight Electronics Co., Ltd

Part # KM04H-P05-40K-N51-TR
Description  Robust package with high lumens
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

KM04H-P05-40K-N51-TR Datasheet(HTML) 12 Page - Everlight Electronics Co., Ltd

Back Button KM04H-P05-40K-N51-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 11Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 12Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 13Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 14Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 15Page - Everlight Electronics Co., Ltd KM04H-P05-40K-N51-TR Datasheet HTML 16Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2012-04-02 19:22:39.0
DATASHEET
EHP- B05 Series
12 Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Warm-White Bin Structure
Warm-White Bin Coordinates
2700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.469
0.429
0.456
0.426
0.459
0.410
0.447
0.408
0.470
0.413
0.459
0.410
27K-1
0.481
0.432
27K-2
0.469
0.429
Reference Range: 2580~2700K
Reference Range: 2700~2870K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.459
0.410
0.447
0.408
0.448
0.392
0.437
0.389
0.459
0.394
0.448
0.392
27K-4
0.470
0.413
27K-3
0.459
0.410
Reference Range: 2580~2700K
Reference Range: 2700~2870K
3000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.443
0.421
0.430
0.417
0.435
0.403
0.422
0.399
0.447
0.408
0.435
0.403
30K-1
0.456
0.426
30K-2
0.443
0.421
Reference Range: 2870~3000K
Reference Range: 3000~3220K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.435
0.403
0.422
0.399
0.426
0.385
0.415
0.381
0.437
0.389
0.426
0.385
30K-4
0.447
0.408
30K-3
0.435
0.403
Reference Range: 2870~3000K
Reference Range: 3000~3220K


Similar Part No. - KM04H-P05-40K-N51-TR

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KM00.1105.11 SCHURTER-KM00.1105.11 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
KM00.1105.11 SCHURTER-KM00.1105.11 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
KM00.1205.11 SCHURTER-KM00.1205.11 Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
KM00.1205.11 SCHURTER-KM00.1205.11 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
KM00.2105.11 SCHURTER-KM00.2105.11 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
More results

Similar Description - KM04H-P05-40K-N51-TR

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZFBBA05C SUNLED-XZFBBA05C Datasheet
291Kb / 4P
   Robust package
XZFMDK14A SUNLED-XZFMDK14A Datasheet
250Kb / 4P
   Robust package
XZFMDK07C SUNLED-XZFMDK07C Datasheet
266Kb / 4P
   Robust package
XDVG14C2 SUNLED-XDVG14C2 Datasheet
227Kb / 3P
   Robust package
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com