Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR928-6C-F Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # IR928-6C-F
Description  Opto Interrupter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR928-6C-F Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  IR928-6C-F Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR928-6C-F Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR928-6C-F Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR928-6C-F Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR928-6C-F Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR928-6C-F Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR928-6C-F Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 5 of 7
Device No:DRX-0000010
Prepared date:2007/6/4
Prepared by:wangyinsheng
0
-25
20
40
50
0
25
85
75
100
60
80
100
20
0
0
40
10
20 30
60
50
70
100
60
40
80
140
120
160
2
0.01
0.5
1
1.5
2
3
0.1
1
10
100
C
100
0
0.2
0.4
500
300
700
Ta=25
1.0
0.6
0.8
C
1100
900
1300
10
10
0
10
10
10
25
50
75
100
10
4
0
0
2
1
6
8
2
3
14
12
4
ITR9702-F
█ Typical Electrical/Optical/Characteristics Curves for PT
Fig.1Collector Power Dissipation vs.
Fig.2 Spectral Sensitivity
Ambient Temperature
Fig.3 Relative Collector Current vs.
Fig.4 Collector Current vs.
Ambient Temperature
Irradiance
Fig.5 Collector Dark Current vs.
Fig.6 Collector Current vs.
Ambient Temperature
Collector-Emitter Voltage


Similar Part No. - IR928-6C-F

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
195Kb / 8P
   1.5mm Side Face Infrared LED
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
336Kb / 7P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
341Kb / 7P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
328Kb / 7P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
179Kb / 7P
   Opto Interrupter
More results

Similar Description - IR928-6C-F

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9909 EVERLIGHT-ITR9909 Datasheet
246Kb / 7P
   Opto Interrupter
ITR9809-F EVERLIGHT-ITR9809-F Datasheet
305Kb / 7P
   Opto Interrupter
ITR9813 EVERLIGHT-ITR9813 Datasheet
235Kb / 8P
   Opto Interrupter
EAITRBA2 EVERLIGHT-EAITRBA2 Datasheet
383Kb / 9P
   Opto Interrupter
EAITRCA1 EVERLIGHT-EAITRCA1 Datasheet
471Kb / 9P
   Opto Interrupter
EAITRDA3 EVERLIGHT-EAITRDA3 Datasheet
512Kb / 9P
   Opto Interrupter
EAITRDA8 EVERLIGHT-EAITRDA8 Datasheet
371Kb / 9P
   Opto Interrupter
ITR9803 EVERLIGHT-ITR9803 Datasheet
332Kb / 7P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43_09 Datasheet
229Kb / 9P
   Opto Interrupter
ITR20510-TR8 EVERLIGHT-ITR20510-TR8 Datasheet
259Kb / 10P
   Opto Interrupter
ITR8104 EVERLIGHT-ITR8104 Datasheet
651Kb / 8P
   Opto Interrupter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com