Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17-1M(TA)-V Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # CNY17-1M(TA)-V
Description  6 PIN DIP PHOTOTRANSISTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CNY17-1M(TA)-V Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  CNY17-1M(TA)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd CNY17-1M(TA)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd CNY17-1M(TA)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd CNY17-1M(TA)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd CNY17-1M(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd CNY17-1M(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd CNY17-1M(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd CNY17-1M(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd CNY17-1M(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
4
http:\\www.everlight.com
Document No:DPC-0000038 Rev.5
December 28, 2009
CNY17-X Series
CNY17F-X Series
Transfer Characteristics (Ta=25°C unless specified otherwise)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
CNY17-1
CNY17F-1
40
-
80
CNY17-2
CNY17F-2
63
-
125
CNY17-3
CNY17F-3
100
-
200
Current
Transfer
Ratio
CNY17-4
CNY17F-4
CTR
160
-
320
%
IF = 10mA ,VCE = 5V
CNY17-1
CNY17F-1
13
-
-
CNY17-2
CNY17F-2
22
-
-
CNY17-3
CNY17F-3
34
-
-
Current Transfer
Ratio
CNY17-4
CNY17F-4
CTR
56
-
-
%
IF = 1mA ,VCE = 5V
Collector-Emitter
saturation voltage
VCE(sat)
-
-
0.3
V
IF = 10mA , IC = 2.5mA
Isolation resistance
RIO
10
11
-
-
Ω
VIO = 500Vdc
Input-output capacitance
CIO
-
0.5
-
pF
VIO = 0, f = 1MHz
Turn-on time
Ton
-
10
12
Turn-off time
Toff
-
9
12
Rise time
Tr
-
6
10
Fall time
Tf
-
8
10
VCC = 10V,
IC = 2mA, RL = 100Ω
See Fig. 11
Rise time
Tr
-
2
10
Fall time
Tf
-
3
10
µs
VCC = 5V, IF = 10mA,
RL = 75Ω, See Fig. 11
* Typical values at Ta = 25°C


Similar Part No. - CNY17-1M(TA)-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-1 VISHAY-CNY17-1 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
Lite-On Technology Corp...
CNY17-1 LITEON-CNY17-1 Datasheet
169Kb / 9P
   High collector-emitter voltage
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
228Kb / 11P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-1M(TA)-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X_10 Datasheet
901Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
4N2X EVERLIGHT-4N2X_10 Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
List of Unclassifed Man...
TIL111 ETC1-TIL111 Datasheet
566Kb / 14P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Everlight Electronics C...
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com