Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42-21A-GHC-YX1Y2N-1T Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 42-21A-GHC-YX1Y2N-1T
Description  1.8mm round Subminiature Chip LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

42-21A-GHC-YX1Y2N-1T Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button 42-21A-GHC-YX1Y2N-1T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 42-21A-GHC-YX1Y2N-1T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
42-21A/GHC-YX1Y2N/1T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 6 of 10
Device No. : DSE-0005375
Prepared date: 05-Jul-2011
Prepared by: Esther Yan
Label Explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm, Unit = mm
RoHS
Pb
CPN :
P N : XXXXXXXXXXXXX
XXXXXXXXXXXXX
QTY : XXX
LOT NO : XXXXXXXXXX
Reference : XXXXXXXX
CAT : XXX
HUE : XXX
REF : XXX
EVERLIGHT
MADE IN TAIWAN


Similar Part No. - 42-21A-GHC-YX1Y2N-1T

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
42-21A-GHC-YX1Y2N-1T A-BRIGHT-42-21A-GHC-YX1Y2N-1T Datasheet
322Kb / 5P
   1.8mm Round Subminiature Chip LEDs
2006/10/11
logo
Everlight Electronics C...
42-21A-GHC-YX1Y2N-1T EVERLIGHT-42-21A-GHC-YX1Y2N-1T Datasheet
168Kb / 10P
   1.8mm round Subminiature Chip LED
logo
A-BRIGHT Inc
42-21A-GHC-YX1Y2N-1T A-BRIGHT-42-21A-GHC-YX1Y2N-1T Datasheet
327Kb / 5P
   1.8mm Round Subminiature Chip LEDs
2006/10/11
logo
HK TO-GRACE TECHNOLOGY ...
42-21A-GHC-YX1Y2N-1T TO-GRACE-42-21A-GHC-YX1Y2N-1T Datasheet
682Kb / 10P
   1.8mm round Subminiature Chip LED
logo
A-BRIGHT Inc
42-21A-GHC-YX1Y2N-1T A-BRIGHT-42-21A-GHC-YX1Y2N-1T_15 Datasheet
327Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2006/10/11
More results

Similar Description - 42-21A-GHC-YX1Y2N-1T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-AUW EVERLIGHT-BHC-AUW Datasheet
150Kb / 10P
   1.8mm round Subminiature Chip LED
42-21SYGC EVERLIGHT-42-21SYGC Datasheet
152Kb / 10P
   1.8mm round Subminiature Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
42-21-BHC-AUW-1T TO-GRACE-42-21-BHC-AUW-1T Datasheet
799Kb / 10P
   1.8mm round Subminiature Chip LED
logo
Everlight Electronics C...
42-21-BHC-AUW-1T EVERLIGHT-42-21-BHC-AUW-1T Datasheet
158Kb / 10P
   1.8mm round Subminiature Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
42-21A-BHC-ZV1W2N-1T TO-GRACE-42-21A-BHC-ZV1W2N-1T Datasheet
716Kb / 10P
   1.8mm round Subminiature Chip LED
logo
Everlight Electronics C...
42-21SURC-S530-A3-TR8 EVERLIGHT-42-21SURC-S530-A3-TR8 Datasheet
187Kb / 9P
   1.8mm round Subminiature Chip LED
42-21A-BHC-ZV1W2N-1T EVERLIGHT-42-21A-BHC-ZV1W2N-1T Datasheet
173Kb / 10P
   1.8mm round Subminiature Chip LED
42-21A-GHC-YX1Y2N-1T EVERLIGHT-42-21A-GHC-YX1Y2N-1T Datasheet
168Kb / 10P
   1.8mm round Subminiature Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
42-21A-GHC-YX1Y2N-1T TO-GRACE-42-21A-GHC-YX1Y2N-1T Datasheet
682Kb / 10P
   1.8mm round Subminiature Chip LED
logo
Everlight Electronics C...
42-21UBC EVERLIGHT-42-21UBC Datasheet
148Kb / 9P
   Chip LED with 1.8mm round Subminiature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com