Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4052BT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # HEF4052BT
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4052BT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button HEF4052BT Datasheet HTML 9Page - NXP Semiconductors HEF4052BT Datasheet HTML 10Page - NXP Semiconductors HEF4052BT Datasheet HTML 11Page - NXP Semiconductors HEF4052BT Datasheet HTML 12Page - NXP Semiconductors HEF4052BT Datasheet HTML 13Page - NXP Semiconductors HEF4052BT Datasheet HTML 14Page - NXP Semiconductors HEF4052BT Datasheet HTML 15Page - NXP Semiconductors HEF4052BT Datasheet HTML 16Page - NXP Semiconductors HEF4052BT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
HEF4052B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 17 November 2011
13 of 22
NXP Semiconductors
HEF4052B
Dual 4-channel analog multiplexer/demultiplexer
11.2 Additional dynamic parameters
[1]
fi is biased at 0.5 VDD; VI =0.5VDD (p-p).
11.2.1 Test circuits
Table 11.
Additional dynamic characteristics
VSS = VEE = 0 V; Tamb = 25 C.
Symbol
Parameter
Conditions
VDD
Typ
Max
Unit
THD
total harmonic distortion
see Figure 17; RL =10k; CL =15pF;
channel ON; VI =0.5VDD (p-p);
fi =1 kHz
5 V
[1] 0.25
-
%
10 V
[1] 0.04
-
%
15 V
[1] 0.04
-
%
f(3dB)
3 dB frequency response see Figure 18; R
L = 1 k; CL = 5 pF;
channel ON; VI =0.5VDD (p-p)
5 V
[1] 13
-
MHz
10 V
[1] 40
-
MHz
15 V
[1] 70
-
MHz
iso
isolation (OFF-state)
see Figure 19; fi = 1 MHz; RL = 1 k;
CL = 5 pF; channel OFF;
VI =0.5VDD (p-p)
10 V
[1]
50
-
dB
Vct
crosstalk voltage
digital inputs to switch; see Figure 20;
RL = 10 k; CL =15 pF;
E or Sn = VDD (square-wave)
10 V
50
-
mV
Xtalk
crosstalk
between switches; see Figure 21;
fi = 1 MHz; RL =1 k;
VI =0.5VDD (p-p)
10 V
[1]
50
-
dB
Table 12.
Dynamic power dissipation PD
PD can be calculated from the formulas shown; VEE = VSS =0 V; tr = tf 20 ns; Tamb = 25 C.
Symbol
Parameter
VDD
Typical formula for PD (W)
where:
PD
dynamic power
dissipation
5V
PD = 1300  fi + (fo  CL)  VDD2
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VDD = supply voltage in V;
(C
L  fo) = sum of the outputs.
10 V
PD = 6100  fi + (fo  CL)  VDD2
15 V
PD = 15600  fi + (fo  CL)  VDD2
Fig 17. Test circuit for measuring total harmonic
distortion
Fig 18. Test circuit for measuring frequency response
D
001aak638
VSS
fi
RL
CL
VSS = VEE
S1 and S2
E
nZ
VDD or VSS
VDD
nYn
dB
001aak639
VSS
fi
RL
CL
VSS = VEE
S1 and S2
E
nZ
VDD or VSS
VDD
nYn


Similar Part No. - HEF4052BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4052BT PHILIPS-HEF4052BT Datasheet
120Kb / 9P
   Dual 4-channel analogue multiplexer/demultiplexer
January 1995
HEF4052BT PHILIPS-HEF4052BT Datasheet
166Kb / 22P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 8-17 November 2011
logo
Nexperia B.V. All right...
HEF4052BT NEXPERIA-HEF4052BT Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
HEF4052BT-Q100 NEXPERIA-HEF4052BT-Q100 Datasheet
292Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 15 December 2021
logo
NXP Semiconductors
HEF4052BTT PHILIPS-HEF4052BTT Datasheet
166Kb / 22P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 8-17 November 2011
More results

Similar Description - HEF4052BT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com