Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUS250-DO Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # LUS250-DO
Description  SOT-23 MULTILED, Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LUS250-DO Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LUS250-DO Datasheet HTML 1Page - Siemens Semiconductor Group LUS250-DO Datasheet HTML 2Page - Siemens Semiconductor Group LUS250-DO Datasheet HTML 3Page - Siemens Semiconductor Group LUS250-DO Datasheet HTML 4Page - Siemens Semiconductor Group LUS250-DO Datasheet HTML 5Page - Siemens Semiconductor Group LUS250-DO Datasheet HTML 6Page - Siemens Semiconductor Group LUS250-DO Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
Durchlaßstrom
I
F = f (VF)
Forward current
T
A = 25 ˚C
Zulässige Impulsbelastbarkeit
I
F = f (tP)
Permissible pulse handling capability
Duty cycle
D = parameter, T
A = 25 ˚C
LU S250, LV S260, LW S260
Relative Lichtstärke
I
V/IV(10 mA) = f (IF)
Relative luminous intensity
T
A = 25 ˚C
Maximal zulässiger Durchlaßstrom
Max. permissible forward current
I
F = f (TA)


Similar Part No. - LUS250-DO

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LUS250-DO SIEMENS-LUS250-DO Datasheet
102Kb / 4P
   LIGHT EMITTING DIODES
More results

Similar Description - LUS250-DO

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSS260 SIEMENS-LSS260 Datasheet
64Kb / 7P
   SOT-23 LED, Diffused
LSG3351 SIEMENS-LSG3351 Datasheet
332Kb / 7P
   3 mm (T1) MULTILED, Diffused
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
   3 mm (T1) MULTILED, Non Diffused
LU5351 SIEMENS-LU5351 Datasheet
325Kb / 7P
   5 mm (T1 3/4) MULTILED , Diffused
LSS269 SIEMENS-LSS269 Datasheet
65Kb / 7P
   LC SOT-23 LED, Diffused Low Current LED
LSPP370 SIEMENS-LSPP370 Datasheet
536Kb / 9P
   Plane MULTILED 3 mm T1 LED, Non Diffused
logo
Guilin Strong Micro-Ele...
GMC2412K GSME-GMC2412K Datasheet
275Kb / 3P
   SOT-23
MMBTH10 GSME-MMBTH10 Datasheet
294Kb / 3P
   SOT-23
GM3356 GSME-GM3356 Datasheet
282Kb / 3P
   SOT-23
GM3838 GSME-GM3838 Datasheet
294Kb / 3P
   SOT-23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com