Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LUH371 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. LUH371
Description  Symbol MULTILED 5 mm T1 3/4, Partly Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LUH371 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  LUH371 Datasheet HTML 1Page - Siemens Semiconductor Group LUH371 Datasheet HTML 2Page - Siemens Semiconductor Group LUH371 Datasheet HTML 3Page - Siemens Semiconductor Group LUH371 Datasheet HTML 4Page - Siemens Semiconductor Group LUH371 Datasheet HTML 5Page - Siemens Semiconductor Group LUH371 Datasheet HTML 6Page - Siemens Semiconductor Group LUH371 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
Kennwerte (
T
A = 25˚C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
super-red
green
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
(typ.)
I
F =20 mA
λ
peak
635
565
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
(typ.)
I
F =20 mA
λ
dom
628
570
nm
Spektrale Bandbreite bei 50%
I
rel max
(typ.)
Spectral bandwidth at 50%
I
rel max
(typ.)
I
F =20 mA
λ
45
25
nm
Abstrahlwinkel bei 50%
I
v (Vollwinkel)
Viewing angle at 50%
I
v
2
ϕ
100
100
Grad
deg.
Durchlaßspannung
(typ.)
Forward voltage
(max.)
I
F =10 mA
V
F
V
F
2.0
2.6
2.0
2.6
V
V
Kapazität
(typ.)
Capacitance
V
R = 0 V, f = 1 MHz
C
O
12
15
pF
Schaltzeiten:
Switching times:
I
V from 10% to 90%
(typ.)
I
V from 90% to 10%
(typ.)
I
F = 100 mA, tp = 10 µs, RL = 50
t
r
t
f
300
50
450
200
ns
ns
LU H371


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LUB371Symbol MULTILED 2.5 mm x 5 mm Partly Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LRB480Symbol LED 5 mm x 2.5 mm Partly Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LRH380Symbol LED 5 mm T1 3/4 LED Partly Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LUS250SOT-23 MULTILED Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LSG33313 mm T1 MULTILED Non Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LSG33513 mm T1 MULTILED Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LSPP370Plane MULTILED 3 mm T1 LED Non Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
LU53515 mm T1 3/4 MULTILED Diffused 1 2 3 4 5 MoreSiemens Semiconductor Group
BU1506DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2508AWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn