Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUH371 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LUH371
Description  Symbol MULTILED 5 mm T1 3/4, Partly Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LUH371 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LUH371 Datasheet HTML 1Page - Siemens Semiconductor Group LUH371 Datasheet HTML 2Page - Siemens Semiconductor Group LUH371 Datasheet HTML 3Page - Siemens Semiconductor Group LUH371 Datasheet HTML 4Page - Siemens Semiconductor Group LUH371 Datasheet HTML 5Page - Siemens Semiconductor Group LUH371 Datasheet HTML 6Page - Siemens Semiconductor Group LUH371 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
Grenzwerte
Maximum Ratings
1)
Bei gleichzeitigem Betrieb beider Dioden darf die Summe aus Strom und Verlustleistung die angegebene
Grenze nicht überschreiten.
1)
With simultaneous operation of both diodes the sum of the current and the power dissipation must not exceed
the specified limits.
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
Betriebstemperatur
Operating temperature range
T
op
– 55... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
401)
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.51)
A
Verlustleistung
Power dissipation
T
A ≤ 25˚C
P
tot
1401)
mW
Wärmewiderstand
Thermal resistence
Sperrschicht / Luft
Junction / air
R
th JA
400
K/W
LU H371


Similar Part No. - LUH371

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LUH370 SIEMENS-LUH370 Datasheet
415Kb / 10P
   TWO-COLOR, RED AND GREEN CYLINDER LED LAMP
LUH370-FK SIEMENS-LUH370-FK Datasheet
415Kb / 10P
   TWO-COLOR, RED AND GREEN CYLINDER LED LAMP
LUH370-GK SIEMENS-LUH370-GK Datasheet
415Kb / 10P
   TWO-COLOR, RED AND GREEN CYLINDER LED LAMP
LUH370-GL SIEMENS-LUH370-GL Datasheet
415Kb / 10P
   TWO-COLOR, RED AND GREEN CYLINDER LED LAMP
More results

Similar Description - LUH371

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LUB371 SIEMENS-LUB371 Datasheet
335Kb / 7P
   Symbol MULTILED 2.5 mm x 5 mm, Partly Diffused
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
   Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LU5351 SIEMENS-LU5351 Datasheet
325Kb / 7P
   5 mm (T1 3/4) MULTILED , Diffused
LSG3351 SIEMENS-LSG3351 Datasheet
332Kb / 7P
   3 mm (T1) MULTILED, Diffused
LRB480 SIEMENS-LRB480 Datasheet
429Kb / 7P
   Symbol LED 5 mm x 2.5 mm, Partly Diffused
LSG3331 SIEMENS-LSG3331 Datasheet
331Kb / 7P
   3 mm (T1) MULTILED, Non Diffused
LSPP370 SIEMENS-LSPP370 Datasheet
536Kb / 9P
   Plane MULTILED 3 mm T1 LED, Non Diffused
LR5360 SIEMENS-LR5360 Datasheet
433Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LR5460 SIEMENS-LR5460 Datasheet
430Kb / 8P
   5 mm (T1 3/4) LED, Diffused
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
   5 mm (T1 3/4) LED, Non Diffused
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com